Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25-80070 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 25-80070
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

25-80070 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  25-80070 Datasheet HTML 1Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 2Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 3Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 4Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 5Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 6Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 7Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 8Page - List of Unclassifed Manufacturers 25-80070 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
10
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Clamps
One Hole Clamps
Used to support cable, conduit or pipe.
Mechanically galvanized steel ASTM B695.
Part Number Description
Size
Pipe or
Cable Size
Stock Size
Hole
Diameter
Inner
Pack
Outer
Pack
24-80003
One Hole Clamp
L3
3/16"
.035" x 1/2"
7/32"
500
7,500
24-80004
One Hole Clamp
L4
1/4"
.035" x 1/2"
7/32"
500
5,000
24-80005
One Hole Clamp
L5
5/16"
.035" x 1/2"
7/32"
500
5,000
24-80006
One Hole Clamp
L6
3/8"
.048" x 1/2"
7/32"
500
5,000
24-80007
One Hole Clamp
L7
7/16"
.048" x 1/2"
7/32"
300
2,400
24-80008
One Hole Clamp
L8
1/2"
.048" x 1/2"
7/32"
--
500
24-80009
One Hole Clamp
L9
9/16"
.048" x 1/2"
7/32"
--
500
24-80010
One Hole Clamp
L10
5/8"
.048" x 1/2"
7/32"
--
500
24-80011
One Hole Clamp
L11
11/16"
.062" x 5/8"
9/32"
--
500
24-80012
One Hole Clamp
L12
3/4"
.062" x 11/16"
9/32"
--
500
24-80014
One Hole Clamp
L14
7/8"
.062" x 11/16"
9/32"
--
500
24-80016
One Hole Clamp
L16
1"
.080" x 3/4"
9/32"
--
250
24-80018
One Hole Clamp
L18
1-1/8"
.080" x 3/4"
9/32"
--
250
24-80020
One Hole Clamp
L20
1-1/4"
.115" x 7/8"
9/32"
--
100
One Hole Offset Clamps
Used to secure telephone cable runs.
Offset provides a grip on multi-size cable.
Mechanically galvanized steel ASTM B695.
Part Number Description
Cable Size
Stock Size
Hole
Diameter
Inner
Pack
Outer
Pack
23-80403
One Hole Offset Clamp
5/32" - 7/32"
.048" x 5/16"
9/64"
500
5,000
23-80405
One Hole Offset Clamp
1/4" - 5/16"
.048" x 5/16"
9/64"
500
7,500
23-80406
One Hole Offset Clamp
5/16" - 3/8"
.048" x 1/2"
7/32"
500
5,000
23-80407
One Hole Offset Clamp
3/8" - 1/2"
.048" x 1/2"
7/32"
500
5,000


Similar Part No. - 25-80070

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
25-800 OENINDIA-25-800 Datasheet
352Kb / 1P
   ROCKER ACTUATED DIP SWITCHES
More results

Similar Description - 25-80070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com