Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24130091000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 24130091000
Description  Increased bandwidth and signal-to-noise margin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24130091000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  24130091000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24130091000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24130091000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24130091000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DataTwist 2400 UTP Cables
provide for increased bandwidth
and signal-to-noise margins. Their
smaller diameter and high perform-
ance make possible the unique
Category 6 networking solution:
Belden IBDN System 2400.
Product Bulletin
PB 289
Belden® DataTwist ®
2400 Cables
DataTwist 2400 Cables Exceed
the TIA/EIA Requirements for
Category 6 Installations and
Provide for Transmission
Speeds Up to 2.4 Gb/s
If high-performance communication systems
are an element of your competitive strategy and
if you consider information technology as one
of the drivers of your bottom line, you should
consider the speed, reliability and performance
advantages provided by DataTwist 2400 Cables.
The DataTwist 2400 Cables exceed all TIA/EIA
Category 6 standard specifications and deliver
guaranteed performance up to 300 MHz. These
cables provide the performance, throughput and
reliability to keep your response-time critical
applications operating at their peak. The 2400
series offers extremely stable transmission
characteristics; and a Signal-to-Noise Ratio
that is ideal for networks where noise and
interference is high.
The DataTwist 2400 Cable consists of 4 pairs
of 23 AWG insulated copper conductors with
a round flexible core construction. The patented
design features a central tape to provide pair-
separation, and matched conductors on all
four pairs, which provide for extremely stable
electrical performance. All DataTwist 2400
cables feature a small diameter for higher
density installations – especially valuable
for runs inside conduit. For the installer, the
DataTwist cables come with a unique descend-
ing sequential printing scheme that shows
exactly how much cable remains on the spool
or in the box. And that translates into faster
installations with less waste.
Belden DataTwist 2400 Cables are part
of the Belden IBDN System 2400. Belden IBDN
System 2400 delivers additional throughput
and enhanced error-free performance needed
to support high-traffic and high-bit-rate
applications. The system delivers 250 MHz
of user bandwidth and supports data rates
up to 2.4 Gb/s, while surpassing Category 6
requirements as per the TIA/EIA-568-B.2-1
standard. The 2400 System provides the speed
and reliability needed for your business to
perform at its profitable best.
To learn more about Belden IBDN copper-based
structured cabling and connectivity systems,
call 1.800.BELDEN.1 or visit our Website at
www.belden.com.
DataTwist 2400 Cable
BNT-215334_PB289 Datatwist 2400 Cables.qxd:Layout 1
12/17/10
4:00 PM
Page 1


Similar Part No. - 24130091000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24130091000 ETC2-24130091000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
24130091000 ETC2-24130091000 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
24130091000 BELDEN-24130091000 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
More results

Similar Description - 24130091000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
logo
Ferroxcube Internationa...
3E10 FERROXCUBE-3E10 Datasheet
2Mb / 8P
   Tight tolerance, increased impedance, extended bandwidth, enhanced performance in EMC.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com