Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

391160055000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 391160055000
Description  16 AWG stranded (26x30) tinned copper conductor, PPO insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

391160055000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  391160055000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 391160055000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
600 Vac
Max. Recommended Current:
Description
Current
Single conductor in free air @ 30C ambient 26 amps
Notes (Overall)
Notes: Halogen-free.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
39116 001100
100 FT
1.100 LB
BROWN
C
#16 STR PPO BRN
39116 0011000
1,000 FT
11.000 LB
BROWN
C
#16 STR PPO BRN
39116 0015000
5,000 FT
50.000 LB
BROWN
C Z
#16 STR PPO BRN
39116 002100
100 FT
1.100 LB
RED
C
#16 STR PPO RED
39116 0021000
1,000 FT
11.000 LB
RED
C
#16 STR PPO RED
39116 0025000
5,000 FT
50.000 LB
RED
C Z
#16 STR PPO RED
39116 003100
100 FT
1.100 LB
ORANGE
C
#16 STR PPO ORG
39116 0031000
1,000 FT
11.000 LB
ORANGE
C
#16 STR PPO ORG
39116 0035000
5,000 FT
50.000 LB
ORANGE
C Z
#16 STR PPO ORG
39116 004100
100 FT
1.100 LB
YELLOW
C
#16 STR PPO YEL
39116 0041000
1,000 FT
11.000 LB
YELLOW
C
#16 STR PPO YEL
39116 0045000
5,000 FT
50.000 LB
YELLOW
C Z
#16 STR PPO YEL
39116 005100
100 FT
1.100 LB
GREEN, DARK
C
#16 STR PPO DGRN
39116 0051000
1,000 FT
11.000 LB
GREEN, DARK
C
#16 STR PPO DGRN
39116 0055000
5,000 FT
50.000 LB
GREEN, DARK
C Z
#16 STR PPO DGRN
39116 007100
100 FT
1.100 LB
VIOLET
C
#16 STR PPO VIO
39116 0071000
1,000 FT
11.000 LB
VIOLET
C
#16 STR PPO VIO
39116 0075000
5,000 FT
50.000 LB
VIOLET
C Z
#16 STR PPO VIO
39116 008100
100 FT
1.100 LB
GRAY
C
#16 STR PPO GRY
39116 0081000
1,000 FT
11.000 LB
GRAY
C
#16 STR PPO GRY
39116 0085000
5,000 FT
50.000 LB
GRAY
C Z
#16 STR PPO GRY
39116 009100
100 FT
1.100 LB
WHITE
C
#16 STR PPO WHT
39116 0091000
1,000 FT
11.000 LB
WHITE
C
#16 STR PPO WHT
39116 0095000
5,000 FT
50.000 LB
WHITE
C
#16 STR PPO WHT
39116 010100
100 FT
1.100 LB
BLACK
C
#16 STR PPO BLK
39116 0101000
1,000 FT
11.000 LB
BLACK
C
#16 STR PPO BLK
39116 0105000
5,000 FT
50.000 LB
BLACK
C Z
#16 STR PPO BLK
39116 013100
100 FT
1.100 LB
BLUE, DARK
C
#16 STR PPO DBLU
39116 0131000
1,000 FT
11.000 LB
BLUE, DARK
C
#16 STR PPO DBLU
39116 0135000
5,000 FT
50.000 LB
BLUE, DARK
C Z
#16 STR PPO DBLU
39116 189100
100 FT
1.100 LB
GREEN/YELLOW
C
#16 STR PPO GRN/YEL
39116 1891000
1,000 FT
11.000 LB
GREEN/YELLOW
C
#16 STR PPO GRN/YEL
39116 1895000
5,000 FT
50.000 LB
GREEN/YELLOW
C Z
#16 STR PPO GRN/YEL
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 0
Revision Date: 07-13-2012
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
39116 Hook-up/Lead - PPO Hook-up Wire 600V, 105°C AWM Style 11034


Similar Part No. - 391160055000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39116 ETC2-39116 Datasheet
46Kb / 1P
   Plastek Storage Containers
39116 ETC2-39116 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Belden Inc.
39116 BELDEN-39116 Datasheet
166Kb / 2P
   Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
39116-001100 BELDEN-39116-001100 Datasheet
166Kb / 2P
   Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
39116-0011000 BELDEN-39116-0011000 Datasheet
166Kb / 2P
   Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
More results

Similar Description - 391160055000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682714 ETC2-1682714 Datasheet
104Kb / 3P
   14 AWG stranded (41x30) tinned copper conductor, PPO insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
   18 AWG stranded (16x30) tinned copper conductor, PPO insulation
1682733 ETC2-1682733 Datasheet
104Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, PPO insulation
1344562 ETC2-1344562 Datasheet
95Kb / 2P
   12 AWG stranded (65x30) tinned copper conductor, PVC insulation
1351870 ETC2-1351870 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344544 ETC2-1344544 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344173 ETC2-1344173 Datasheet
97Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
   14 AWG stranded (41x30) tinned copper conductor, PVC insulation
28480 ETC2-28480 Datasheet
33Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
9918 ETC2-9918 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com