Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC51-1T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC51-1T
Description  Diamond Bonding and Grounding Hardware
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-1T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SC51-1T Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
36
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Bonding and Grounding Hardware
Mechanical - Grounding Connectors and Clamps
Die Cast Zinc Water Pipe Clamp
Budget price clamps.
Made of die cast zinc alloy with zinc plated screws.
Part Number
Water Pipe Size
Conductor Range
Package
Quantity
Maximum
Minimum
BJ1DS
1/2"-1"
#2 Stranded
#10 Solid
250
Cast Bronze Water Pipe Clamp
For connecting grounding conductor to water pipe or copper tube.
Cast of high strength, highly conductive copper alloy.
Zinc plated crews plated for corrosion resistance.
UL listed.
Part
Number
Water
Pipe
Size
Conductor Range
Dimensions (IN)
Package
Quantity
Maximum
Minimum
A
B
C
JDS
1/2"-1"
#2 Stranded
#10 Solid
2-3/4
2-11/32 23/32
100


Similar Part No. - SC51-1T

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC510 ZOWIE-SC510 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
SC510070 SANKEN-SC510070 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
SYNERGY MICROWAVE CORPO...
SC5100BD SYNERGY-SC5100BD Datasheet
373Kb / 3P
   BI-DIRECTIONAL COUPLER
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
More results

Similar Description - SC51-1T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351692 ETC2-1351692 Datasheet
93Kb / 2P
   Shielding and Bonding Cable
1344171 ETC2-1344171 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
3M Electronics
08641 3M-08641 Datasheet
19Kb / 4P
   Automix??Channel Bonding and Sidelite Adhesive
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
   Inventory bonding
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com