Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0520LW Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # B0520LW
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

B0520LW Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  B0520LW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520LW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520LW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd B0520LW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.cj-elec.com
3
SOD-123 Package Outline Dimensions
SOD-123 Suggested Pad Layout
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.450
0.650
0.018
0.026
c
0.080
0.150
0.003
0.006
D
1.500
1.700
0.059
0.067
E
2.600
2.800
0.102
0.110
E1
3.550
3.850
0.140
0.152
L
L1
0.250
0.450
0.010
0.018
θ
0.500 REF
0.020 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
D,Mar,2015


Similar Part No. - B0520LW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520LW DIODES-B0520LW Datasheet
63Kb / 2P
   0.5A SURFACE ACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 7 - 2
logo
SAMYANG ELECTRONICS CO....
B0520LW SAMYANG-B0520LW Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
B0520LW BILIN-B0520LW Datasheet
152Kb / 3P
   Schottky Barrier Diode
logo
Foshan Blue Rocket Elec...
B0520LW FOSHAN-B0520LW Datasheet
597Kb / 6P
   Silicon Diode in a SOD-123 Plastic Package
logo
Jiangsu Changjiang Elec...
B0520LW JIANGSU-B0520LW Datasheet
198Kb / 3P
   SCHOTTKY RECTIFIER
More results

Similar Description - B0520LW

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com