Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2412008A1000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2412008A1000
Description  Increased bandwidth and signal-to-noise margin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2412008A1000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2412008A1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2412008A1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2412008A1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2412008A1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
To learn more about Belden IBDN copper-based
structured cabling and connectivity systems
or Belden DataTwist Cables, call 1.800.BELDEN.1
or visit ourWebsite at www.belden.com.
DataTwist 2412, 4-pair, 23 AWG, CMR, Cat 6
2412 003 A1000
Orange
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 004 A1000
Yellow
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 005 A1000
Green
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 006 A1000
Blue
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 007 A1000
Purple
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 008 A1000
Gray
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 009 A1000
White
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 010 A1000
Black
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2412 004 1000
Yellow
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
2412 005 1000
Green
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
2412 006 1000
Blue
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
2412 008 1000
Gray
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
2412 009 1000
White
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
2412 010 1000
Black
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
2412 004 2500
Yellow
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
2412 006 2500
Blue
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
2412 009 2500
White
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
Ordering Information
Belden Technical Support 1.800.BELDEN.1
© Copyright 2010, Belden Inc.
www.belden.com
PB289r1
Belden Part
Number
Color
Length
Packaging
No. of Pack
Per Pallet
Total
Per Pallet
DataTwist 2413, 4-pair, 23 AWG, CMP, Cat 6
2413 002 A1000
Red
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 003 A1000
Orange
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 004 A1000
Yellow
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 005 A1000
Green
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 007 A1000
Purple
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 008 A1000
Gray
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 009 A1000
White
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 010 A1000
Black
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 012 A1000
Pink
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 D15 A1000
Blue
305 m (1000 ft.)
Spool-in-Box
45 boxes/pallet
13725 m (45000 ft.)
2413 003 1000
Orange
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 004 1000
Yellow
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 005 1000
Green
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 008 1000
Gray
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 009 1000
White
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 010 1000
Black
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 D15 1000
Blue
305 m (1000 ft.)
11N Spool
60 spools/pallet
18300 m (60000 ft.)
2413 004 2500
Yellow
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
2413 005 2500
Green
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
2413 009 2500
White
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
2413 010 2500
Black
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
2413 D15 2500
Blue
762 m (2500 ft.)
14N Spool
27 spools/pallet
20574 m (67500 ft.)
Belden Part
Number
Color
Length
Packaging
No. of Pack
Per Pallet
Total
Per Pallet
DataTwist 2424, 4-pair, 23 AWG, LSZH, Cat 6
2424 007 1000
Purple
305 m (1000 ft.)
11-3/4N Spool
36 spools/pallet
10980 m (36000 ft.)
Belden Part
Number
Color
Length
Packaging
No. of Pack
Per Pallet
Total
Per Pallet
4
BNT-215334_PB289 Datatwist 2400 Cables.qxd:Layout 1
12/17/10
4:01 PM
Page 4


Similar Part No. - 2412008A1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2412008A1000 ETC2-2412008A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
More results

Similar Description - 2412008A1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
logo
Ferroxcube Internationa...
3E10 FERROXCUBE-3E10 Datasheet
2Mb / 8P
   Tight tolerance, increased impedance, extended bandwidth, enhanced performance in EMC.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com