Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23-82350 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23-82350
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23-82350 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23-82350 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 2Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 3Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 4Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 5Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 6Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 7Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 8Page - List of Unclassifed Manufacturers 23-82350 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
7
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Part Number Description
Material
Pair
Shim
Type
Inner
Pack
Outer
Pack
23-44441
"B" Drop Wire Clamp
Aluminum
1-2
Serrated
--
500
23-44444
"B" Drop Wire Clamp
(Bell Packaging)
Aluminum
1-2
Serrated
25
500
23-44445
"B" Drop Wire Clamp
Aluminum
1-2
Serrated
2
250
23-82350
"B" Drop Wire Clamp
Aluminum
6
Dimpled
1
75
23-82351
"B" Drop Wire Clamp
Aluminum
6
Dimpled
25
150
23-88881
"B" Drop Wire Clamp
(Bulk Packaging)
Stainless
Steel
1-2
Serrated
25
500
23-88885
"B" Drop Wire Clamp
Stainless
Steel
1-2
Serrated
2
250
"B" Drop Wire Clamp
Drop Wire Clamps for CATV and Telephone Cable
Used to support both ends of telephone drop, at strand and building.
Suitable for 1-2 pair .200” max. height and .410’ max. width.
6 pair version: .300” max. height and .500" max. width.
Stainless steel bailwire on all versions.
Special Packages available. Please check with your PPC/Belden Representative.
Installation:
1. Lay cable in shell.
2. Place shim on top of cable with raised
embossings against cable.
3. Insert wedge in shell (on top of shim) and pull
to engage. (Small end of wedge should be
initially engaged in track of large end of shell).
4. Place bailwire on “B” drop wire hook (ram’s
horn)with wedge loose. Pull drop wire through
clamp until proper sidewalk/alley clearance is
achieved.
5. Grasp clamp (bailwire still on ram’s horn) and
pull tightly to secure.
Drop
Hardware


Similar Part No. - 23-82350

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
23-0000-05 ZILOG-23-0000-05 Datasheet
581Kb / 22P
   Real-time clock support
23-0000-25 ZILOG-23-0000-25 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
23-0000-50 ZILOG-23-0000-50 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
23-0006-00 ZILOG-23-0006-00 Datasheet
581Kb / 22P
   Real-time clock support
23-0006-00 ZILOG-23-0006-00 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
More results

Similar Description - 23-82350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com