Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250E2C8.25 Datasheet(PDF) 4 Page - Littelfuse

Part # 250E2C8.25
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250E2C8.25 Datasheet(HTML) 4 Page - Littelfuse

  250E2C8.25 Datasheet HTML 1Page - Littelfuse 250E2C8.25 Datasheet HTML 2Page - Littelfuse 250E2C8.25 Datasheet HTML 3Page - Littelfuse 250E2C8.25 Datasheet HTML 4Page - Littelfuse 250E2C8.25 Datasheet HTML 5Page - Littelfuse 250E2C8.25 Datasheet HTML 6Page - Littelfuse 250E2C8.25 Datasheet HTML 7Page - Littelfuse 250E2C8.25 Datasheet HTML 8Page - Littelfuse 250E2C8.25 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
4 of 10
E-RATED MEDIUM VOLTAGE FUSES
Description
E-rated fuses have time current characteristics designed to
provide current-limiting protection for power transformers,
potential transformers, power centers, feeder centers, and
unit sub stations. When properly applied, they can protect
against high and low fault currents.
NEMA Standards for E-rated medium voltage fuses require
that fuses rated 100E or less open within 300 seconds
(5 minutes) when subjected to an RMS value of 200-240%
of the fuse continuous current rating; and fuses with an
E rating larger than 100E must open within 600 seconds
(10 minutes) when subjected to an RMS current of 220-
240% of the fuse’s continuous current rating. These values
establish one point on the time-current curve.
Application Note
Since these fuses are used for the protection of general
purpose circuits which may contain transformers, motors,
and other equipment producing in-rush and/or overload
currents, fuses should generally be rated at 140% of the
normal full load current, and circuits should be analyzed
to ensure that system load currents will not exceed the
current rating of the fuse.
3"DIA
Dim.A
Clip
Center
6.38"
Dim.B
9.75"
A
D
DD
DDD
Figure 4
Figure 5
Figure 6
Characteristics
Voltage Ratings
2,750 V – 38,000 V
Current Range
10E – 600E
Options
• Hermetically sealed for use in hazardous locations
(add “S” suffix to part number)
• Clip-lock (CL) available.
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
10E1C2.75
10E
7"
10.875"
80,000
4
15E1C2.75
15E
7"
10.875"
80,000
4
20E1C2.75
20E
7"
10.875"
80,000
4
25E1C2.75
25E
7"
10.875"
80,000
4
30E1C2.75
30E
7"
10.875"
80,000
4
40E1C2.75
40E
7"
10.875"
80,000
4
50E1C2.75
50E
7"
10.875"
80,000
4
65E1C2.75
65E
7"
10.875"
80,000
4
80E1C2.75
80E
7"
10.875"
80,000
4
100E-1C2.75
100E
7"
10.875"
80,000
4
125E1C2.75
125E
7"
10.875"
80,000
4
150E1C2.75
150E
7"
10.875"
80,000
4
200E1C2.75
200E
7"
10.875"
80,000
4
125E2C2.75
125E
7"
10.875"
80,000
5
150E2C2.75
150E
7"
10.875"
80,000
5
200E2C2.75
200E
7"
10.875"
80,000
5
250E2C2.75
250E
7"
10.875"
80,000
5
300E2C2.75
300E
7"
10.875"
80,000
5
350E2C2.75
350E
7"
10.875"
80,000
5
400E2C2.75
400E
7"
10.875"
80,000
5
450E2C2.75
450E
7"
10.875"
80,000
5
Dimensions
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6


Similar Part No. - 250E2C8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250E2C8.25 LITTELFUSE-250E2C8.25 Datasheet
564Kb / 10P
   Power Transformer Protection
250E2C8.25 LITTELFUSE-250E2C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
250E2C8.25 LITTELFUSE-250E2C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 250E2C8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com