Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR36060 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZR36060
Description  Integrated JPEG CODEC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZR36060 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZR36060 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
January 1997
ZORAN Corporation s 1705 Wyatt Drive s Santa Clara, CA 95054 s (408) 986-1314 s FAX (408) 986-1240
PRELMINARY
ZR36060
INTEGRATED JPEG CODEC
FEATURES
s Single-chip JPEG processor which integrates all the mod-
ules needed for JPEG encoding and decoding:
- Raster-to-block and block-to-raster converter
- Strip buffer
- JPEG codec
s Motion video compression and expansion capability:
- Up to 25 frames/sec, square pixel and CCIR PAL
- Up to 30 frames/sec, square pixel and CCIR NTSC
s Three modes of Bit Rate Control (BRC):
- Auto Two Pass: for still image compression, produces
tightly controlled compressed data file size
- Single pass: for motion video compression, keeps the file
size approximately fixed
- No BRC: uses fixed quantization tables
s Glueless interface to common video decoders (e.g., Philips,
Brooktree, Samsung, ITT, Harris)
s Glueless interface to the ZR36057, I32 and other common
multimedia controllers.
s Supports 8 and 16-bit YUV video interfaces
s Supports master and slave modes of video synchronization
s Interfaces to a variety of host controllers, ranging from the
dedicated high-performance ZR36057 PCI controller
to generic low-cost microcontrollers
s Flexible compressed data interface:
- 8-bit master mode, supporting transfer of up to 30 Mbytes/
sec
- 16-bit slave mode, supporting transfer of up to 16.7
Mbytes/sec
- 8-bit slave mode, supporting transfer of up to 8.3 Mbytes/
sec
s On-chip video processing, including:
- Mixing of two video sources
- Horizontal (1:2 and 1:4) and vertical (1:2) up and down
scaling
- Cropping in compression and programmable background
color in decompression
s 3.3V power supply with 5V-tolerant I/O
s Low power consumption:
- 850 mW at 30 MHz operating frequency
- Power down mode for power saving
s 100-pin PQFP package
APPLICATIONS
s Desktop video editing subsystems
s PCMCIA video capture cards
s Digital still cameras
s Digital video recording
s JPEG-based video conferencing systems
Video Decoder
Audio Control
Audio FIFO
Audio Codec
ZR36060
ZR36057
Video Encoder
Graphics
Sub-System
PCI Bus
Figure 1. JPEG-based video editing subsystem for PCI Systems


Similar Part No. - ZR36060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
   AV PCI CONTROLLER
ZR36067PQC ETC-ZR36067PQC Datasheet
580Kb / 48P
   AV PCI CONTROLLER
More results

Similar Description - ZR36060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
logo
Analog Devices
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
logo
List of Unclassifed Man...
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
   Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
logo
Rohm
BU1561GV ROHM-BU1561GV Datasheet
282Kb / 6P
   Built-in JPEG Codec, SXGA Camera Module Interface, and QCIFLCD controller interface
logo
Sanyo Semicon Device
LC82220 SANYO-LC82220 Datasheet
92Kb / 6P
   Motion JPEG Decoder LSI
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
logo
Sanyo Semicon Device
LC82221L SANYO-LC82221L Datasheet
56Kb / 7P
   Motion JPEG Decoder
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
Texas Instruments
TLV320AD12A TI-TLV320AD12A Datasheet
312Kb / 21P
[Old version datasheet]   3.3-V INTEGRATED ADSL CODEC
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com