Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60400 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60400
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60400 Datasheet(HTML) 3 Page - Texas Instruments

  TPS60400 Datasheet HTML 1Page - Texas Instruments TPS60400 Datasheet HTML 2Page - Texas Instruments TPS60400 Datasheet HTML 3Page - Texas Instruments TPS60400 Datasheet HTML 4Page - Texas Instruments TPS60400 Datasheet HTML 5Page - Texas Instruments TPS60400 Datasheet HTML 6Page - Texas Instruments TPS60400 Datasheet HTML 7Page - Texas Instruments TPS60400 Datasheet HTML 8Page - Texas Instruments TPS60400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
SLVS324 – JULY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
operating principle
The TPS60400, TPS60401 charge pumps invert the voltage applied to their input. For the highest performance,
use low equivalent series resistance (ESR) capacitors (e.g., ceramic). During the first half-cycle, switches S2
and S4 open, switches S1 and S3 close, and capacitor (C(fly)) charges to the voltage at VI. During the second
half-cycle, S1 and S3 open, S2 and S4 close. This connects the positive terminal of C(fly) to GND and the
negative to VO. By connecting C(fly) in parallel, CO is charged negative. The actual voltage at the output is more
positive than –VI, since switches S1–S4 have resistance and the load drains charge from CO.
C(fly)
1
µF
S2
S1
S3
S4
CO
1
µF
VO (–VI)
GND
VI
GND
Figure 1. Operating Principle
charge-pump output resistance
The TPS6040x devices are not voltage regulators. The charge pumps output source resistance is
approximately 15
Ω at room temperature (with VI = 5 V), and VO approaches –5 V when lightly loaded. VO will
droop toward GND as load current increases.
VO = –(VI – RO × IO)
R
O [
1
ƒosc
C
(fly)
) 4 2R
SWITCH )
ESR
CFLY )
ESR
CO
RO = output resistance of the converter
efficiency considerations
The power efficiency of a switched-capacitor voltage converter is affected by three factors: the internal losses
in the converter IC, the resistive losses of the capacitors, and the conversion losses during charge transfer
between the capacitors. The internal losses are associated with the IC’s internal functions, such as driving the
switches, oscillator, etc. These losses are affected by operating conditions such as input voltage, temperature,
and frequency. The next two losses are associated with the voltage converter circuit’s output resistance. Switch
losses occur because of the on-resistance of the MOSFET switches in the IC. Charge-pump capacitor losses
occur because of their ESR. The relationship between these losses and the output resistance is as follows:
PCAPACITOR LOSSES + PCONVERSION LOSSES = IO2 × RO
RSWITCH = resistance of a single MOSFET-switch inside the converter
fOSC = oscillator frequency
The first term is the effective resistance from an ideal switched-capacitor circuit. Conversion losses occur during
the charge transfer between C(fly) and CO when there is a voltage difference between them. The power loss is:
P
CONV.LOSS +
1
2
C
(fly)
V 2
I *
V 2
O
) 1
2
C
O
V
2
RIPPLE *
2V
O
V
RIPPLE
ƒosc
(1)
(2)


Similar Part No. - TPS60400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400DBVR TI1-TPS60400DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400DBVRG4 TI1-TPS60400DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com