Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H640838M-TCB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4H640838M-TCB0
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H640838M-TCB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4H640838M-TCB0 Datasheet HTML 6Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 7Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 8Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 9Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 10Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 11Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 12Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 13Page - Samsung semiconductor K4H640838M-TCB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
- 10 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
VDD
1
66 PIN TSOP(II)
(400mil x 875mil)
DQ0
2
VDDQ
3
NC
4
DQ1
5
VSSQ
6
NC
7
DQ2
8
VDDQ
9
NC
10
DQ3
11
VSSQ
12
BA0
20
CS
19
RAS
18
CAS
17
WE
16
NC
15
VDDQ
14
NC
13
VDD
27
A3
26
A2
25
A1
24
A0
23
AP/A10
22
BA1
21
VSS
54
DQ7
53
VSSQ
52
NC
51
DQ6
50
VDDQ
49
NC
48
DQ5
47
VSSQ
46
NC
45
DQ4
44
VDDQ
43
A11
35
36
CKE
37
CK
38
DM
39
VREF
40
VSSQ
41
NC
42
VSS
55
A4
56
A5
57
A6
58
A7
59
A8
60
A9
34
(0.65 mm PIN PITCH)
33
32
31
30
29
28
61
62
63
64
65
66
NC
NC
NC
QFC/NC
NC
VDD
NC
DQS
NC
VSS
CK
NC
NC
32Mb x 4
16Mb x 8
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
A11
CKE
CK
DM
VREF
VSSQ
NC
VSS
A4
A5
A6
A7
A8
A9
NC
DQS
NC
VSS
CK
NC
NC
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
BA0
CS
RAS
CAS
WE
NC
VDDQ
NC
VDD
A3
A2
A1
A0
AP/A10
BA1
NC
NC
NC
QFC/NC
NC
VDD
Bank Address
BA0-BA1
Row Address
A0-A11
Auto Precharge
A10
MS-024FC
Organization
Column Address
32Mx4
A0-A9, A11
16Mx8
A0-A9
8Mx16
A0-A8
DM is internally loaded to match DQ and DQS identically.
2.1 Package Pinout
FIgure 1. 128Mb package Pinout
Table 2. Column address configuration
1. Package Pinout & Dimension
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
BA0
CS
RAS
CAS
WE
LDM
VDDQ
DQ7
VDD
A3
A2
A1
A0
AP/A10
BA1
NC
LDQS
NC
QFC/NC
NC
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
A11
CKE
CK
UDM
VREF
VSSQ
DQ8
VSS
A4
A5
A6
A7
A8
A9
NC
UDQS
NC
VSS
CK
NC
NC
8Mb x 16


Similar Part No. - K4H640838M-TCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
K4H641638N SAMSUNG-K4H641638N Datasheet
542Kb / 15P
   Consumer Memory
K4H641638Q SAMSUNG-K4H641638Q Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4H640838M-TCB0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com