Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37736M4LXXXHP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37736M4LXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736M4LXXXHP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37736M4LXXXHP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DESCRIPTION
The M37736M4LXXXHP is a single-chip microcomputer using the
7700 Family core. This single-chip microcomputer has a CPU and a
bus interface unit. The CPU is a 16-bit parallel processor that can be
an 8-bit parallel processor, and the bus interface unit enhances the
memory access efficiency to execute instructions fast. This
microcomputer also includes a 32 kHz oscillation circuit, in addition
to the ROM, RAM, multiple-function timers, serial I/O, A-D converter,
and so on.
Its strong points are the low power dissipation, the low supply voltage,
and the small package.
In the M37736M4LXXXHP, as the multiplex method of the external
bus, either of 2 types can be selected.
FEATURES
qNumber of basic instructions .................................................. 103
qMemory size
ROM ................................................. 32 Kbytes
RAM ................................................ 2048 bytes
qInstruction execution time
The fastest instruction at 12 MHz frequency ...................... 333 ns
qSingle power supply ...................................................... 2.7–5.5 V
qLow power dissipation (At 3 V supply voltage, 12 MHz frequency)
............................................ 9 mW (Typ.)
qInterrupts ............................................................ 19 types, 7 levels
qMultiple-function 16-bit timer ................................................. 5 + 3
qSerial I/O (UART or clock synchronous) ..................................... 3
q10-bit A-D converter .............................................. 8-channel inputs
q12-bit watchdog timer
qProgrammable input/output, output
(ports P0, P1, P2, P3, P4, P5, P6, P7, P8, P9, P10) ............... 84
qClock generating circuit ........................................ 2 circuits built-in
qSmall package ..................... 100-pin plastic molded fine-pitch QFP
(100P6Q-A;0.5 mm lead pitch)
APPLICATION
Control devices for general commercial equipment such as office
automation, office equipment, personal information equipment, and
others.
Control devices for general industrial equipment such as
communication equipment, and others.
PIN CONFIGURATION (TOP VIEW)
MITSUBISHI MICROCOMPUTERS
M37736M4LXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Outline 100P6Q-A
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
↔ P23/A19/A3/D3
↔ P24/A20/A4/D4
↔ P25/A21/A5/D5
↔ P26/A22/A6/D6
↔ P27/A23/A7/D7
↔ P30/R/W/WEL
↔ P31/BHE/WEH
↔ P32/ALE
↔ P33/HLDA
→ EVL0
→ EVL1
M37736M4LXXXHP
VCC
VSS
→ E/RDE
→ XOUT
← XIN
← RESET
← BSEL
← CNVSS
← BYTE
↔ P40/HOLD
↔ P41/RDY
↔ P42/f1
↔ P43
↔ P44
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P91/CLK2
P90/CTS2
P87/TXD1
P86/RXD1
P85/CLK1
P84/CTS1/RTS1
P83/TXD0
P82/RXD0/CLKS0
P81/CLK0
P80/CTS0/RTS0/CLKS1
VCC
AVCC
VREF
AVSS
VSS
P77/AN7/XCIN
P76/AN6/XCOUT
P75/AN5/ADTRG
P74/AN4
P73/AN3
P72/AN2
P71/AN1
P70/AN0
P67/TB2IN/
f SUB
P66/TB1IN
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.


Similar Part No. - M37736M4LXXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37736M4BXXXGP MITSUBISHI-M37736M4BXXXGP Datasheet
374Kb / 32P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37736M4LXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com