Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36120091000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 36120091000
Description  CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

36120091000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  36120091000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 36120091000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 36120091000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 36120091000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT6+ (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable, 23 AWG Solid Bare
Copper Conductors, Polyolefin Insulation, Patented X-Spline, Ripcord, PVC jacket
Usage (Overall)
Suitable Applications:
Premise Horizontal Cable, Gigabit Ethernet, 100BaseTX, 100BaseVG ANYLAN, 155ATM, 622ATM,
NTSC/PAL Component or Composite Video, AES/EBU Digital Audio, AES51, RS-422, Noisy Environments
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
23
Solid
BC - Bare Copper
Total Number of Conductors:
8
Insulation
Insulation Material:
Insulation Material
Polyolefin
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material Nom. Wall Thickness (in.)
PVC
0.017
Outer Jacket Diameter:
Nom. Dia. (in.)
0.235
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Cabling Separator Material:
Patented X-Spline Center Member
Overall Nominal Diameter:
0.235 in.
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Mechanical Characteristics (Overall)
Storage Temperature Range:
-30°C To +75°C
Installation Temperature Range:
+5°C To +50°C
Operating Temperature Range:
0°C To +75°C
UL Temperature Rating:
75°C
Bulk Cable Weight:
28 lbs/1000 ft.
Max. Recommended Pulling Tension:
45 lbs.
Min. Bend Radius/Minor Axis:
0.750 in.
Min. Bend/Installation:
2.250 in.
Page 1 of 4
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3612 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cable


Similar Part No. - 36120091000

ManufacturerPart #DatasheetDescription
logo
Lumberg
361202 LUMBERG-361202 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
361202 LUMBERG-361202 Datasheet
634Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361203 LUMBERG-361203 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
361203 LUMBERG-361203 Datasheet
634Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
361204 LUMBERG-361204 Datasheet
277Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 36120091000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
logo
List of Unclassifed Man...
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
1212 BELDEN-1212 Datasheet
174Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
   Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
4812 BELDEN-4812 Datasheet
284Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
   10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com