Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2413F0091000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2413F0091000
Description  CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2413F0091000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2413F0091000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2413F0091000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2413F0091000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2413F0091000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT6+, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable, 23 AWG Solid
Bare Copper Conductors, FEP Insulation, Patented X-Spline, Overall Beldfoil Shield, Flamarrest® Jacket
Usage (Overall)
Suitable Applications:
Networking Horizontal Cable, HDBaseT, 1000Base-T (Gigabit Ethernet), 100Base-T (Fast Ethernet),
10Base-T (Ethernet), 100BaseVG, ANYLAN, 155ATM, 622ATM, ANSI.X3.263 FDDI TP-PMD, NTSC/PAL
Component or Composite Video, AES/EBU, Digital Video, RS-422, Noisy Environments, 250 MHz
Category 6
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
23
Solid
BC - Bare Copper
Total Number of Conductors:
8
Insulation
Insulation Material:
Insulation Material
FEP - Fluorinated Ethylene Propylene
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100.000
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
Solid
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Trade Name Outer Jacket Material
Flamearrest(®
LS PVC - Low Smoke Polyvinyl Chloride
Outer Jacket Diameter:
Nom. Dia. (in.)
0.285
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Cabling Fillers:
Patented Central X-Spline
Overall Cabling Separator Material:
Polyester Tape
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe and Blue
2
White/Orange Stripe and Orange
3
White/Green Stripe and Green
4
White/Brown Stripe and Brown
Mechanical Characteristics (Overall)
Storage Temperature Range:
-20°C To +75°C
Installation Temperature Range:
+5°C To +50°C
Operating Temperature Range:
-20°C To +75°C
Bulk Cable Weight:
49 lbs/1000 ft.
Max. Recommended Pulling Tension:
25 lbs.
Page 1 of 4
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
2413F Multi-Conductor - Enhanced Category 6 Nonbonded-Pair ScTP Cable


Similar Part No. - 2413F0091000

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2413 KR-2413 Datasheet
22Kb / 2P
   Bandpass Filter
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
395Kb / 1P
   CAPTIVE PANEL SCREWS
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
logo
3M Electronics
2413-6112TB 3M-2413-6112TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
More results

Similar Description - 2413F0091000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
116Kb / 5P
   CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
3612 ETC2-3612 Datasheet
110Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
1533P BELDEN-1533P Datasheet
162Kb / 3P
   Category 5e Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1352A BELDEN-1352A Datasheet
167Kb / 3P
   Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
1213F BELDEN-1213F Datasheet
166Kb / 3P
   Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
10GX53F BELDEN-10GX53F Datasheet
252Kb / 4P
   CAT6A (625MHz), 4 Unbonded Pairs, F/UTP-Foil Shielded, CMP
M58183 BELDEN-M58183 Datasheet
238Kb / 3P
   Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
10GXW53 BELDEN-10GXW53 Datasheet
143Kb / 2P
   10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com