Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2413005U1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2413005U1000
Description  CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2413005U1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2413005U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2413005U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2413005U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2413005U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2413005U1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Maximum Capacitance Unbalance (pF/100 m):
330
Nominal Velocity of Propagation:
VP (%)
72
Maximum Delay:
Delay (ns/100 m)
537 @ 100MHz
Max. Delay Skew:
Delay Skew (ns/100 m)
35.000
Maximum Conductor DC Resistance:
DCR @ 20°C (Ohm/100 m)
7.800
Max. Operating Voltage - UL:
Voltage
300 V RMS
Maximum DCR Unbalanced:
DCR Unbalance @ 20°C (%)
3.000
Electrical Characteristics-Premise (Overall)
Premise Cable Electrical Table 1:
Freq. (MHz) Max. Attenuation (dB/100 m) Min. NEXT (dB) Min. PSNEXT (dB) Min. ACR (dB) Min. PSACR (dB) Min RL (dB)
1
2.000
75.3
75.3
73.3
73.3
20.000
4
3.700
66.3
66.3
62.6
62.6
23.000
8
5.200
61.8
61.8
56.6
56.6
24.500
10
5.800
60.3
60.3
54.5
54.5
25.000
16
7.400
57.2
57.2
49.9
49.9
25.000
20
8.300
55.8
55.8
47.5
47.5
25.000
25
9.300
54.3
54.3
45.1
45.1
24.300
31.25
10.400
52.9
52.9
42.5
42.5
23.600
62.5
15.000
48.4
48.4
33.4
33.4
21.500
100
19.300
45.3
45.3
26.0
26.0
20.800
155
24.600
42.4
42.4
17.9
17.9
19.500
200
28.300
40.8
40.8
12.5
12.5
18.700
250
32.100
39.3
39.3
7.2
7.2
18.000
300
35.600
38.1
36.1
0.5
0.5
17.500
350
38.900
37.1
35.1
-1.7
-3.7
17.000
400
42.000
36.3
34.3
-5.7
-7.7
16.600
450
45.000
35.5
33.5
-9.5
-11.5
16.200
500
47.900
34.8
32.8
-13.0
-15.0
15.900
550
50.600
34.2
32.2
-16.4
-18.4
15.600
Premise Cable Electrical Table 2:
Freq. (MHz) Input (Unfitted) Imp. (Ohms) Fitted Impedance Min. ACRF (dB) Min. PSACRF (dB)
1
100 ± 15
100 ± 15
70.8
67.8
4
100 ± 15
100 ± 15
58.8
55.8
8
100 ± 15
100 ± 15
52.7
49.7
10
100 ± 15
100 ± 15
50.8
47.8
16
100 ± 15
100 ± 15
46.7
43.7
20
100 ± 15
100 ± 15
44.8
41.8
25
100 ± 15
100 ± 15
42.8
39.8
31.25
100 ± 15
100 ± 15
40.9
37.9
62.5
100 ± 15
100 ± 15
34.9
31.9
100
100 ± 15
100 ± 15
30.8
27.8
155
100 ± 22
100 ± 15
27.0
24.0
200
100 ± 22
100 ± 15
24.8
21.8
Page 3 of 5
01-10-2014
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
2413 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cables


Similar Part No. - 2413005U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2413005U1000 BELDEN-2413005U1000 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
More results

Similar Description - 2413005U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3613 ETC2-3613 Datasheet
111Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
2413F ETC2-2413F Datasheet
109Kb / 4P
   CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
3612 ETC2-3612 Datasheet
110Kb / 4P
   CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
1594A ETC2-1594A Datasheet
109Kb / 4P
   CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
2413 BELDEN-2413 Datasheet
274Kb / 3P
   Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
   Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
10GX13 BELDEN-10GX13 Datasheet
177Kb / 3P
   10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
List of Unclassifed Man...
1212F ETC2-1212F Datasheet
109Kb / 3P
   CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
   Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com