Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62002 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62002
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62002 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62002 Datasheet HTML 1Page - Texas Instruments TPS62002 Datasheet HTML 2Page - Texas Instruments TPS62002 Datasheet HTML 3Page - Texas Instruments TPS62002 Datasheet HTML 4Page - Texas Instruments TPS62002 Datasheet HTML 5Page - Texas Instruments TPS62002 Datasheet HTML 6Page - Texas Instruments TPS62002 Datasheet HTML 7Page - Texas Instruments TPS62002 Datasheet HTML 8Page - Texas Instruments TPS62002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FEATURES
D High-Efficiency Synchronous Step-Down
Converter With Greater Than 95%
Efficiency
D 2 V to 5.5 V Operating Input Voltage Range
D Adjustable Output Voltage Range From
0.8 V to VI
D Fixed Output Voltage Options Available in
0.9 V, 1 V, 1.2 V, 1.5 V, 1.8 V, 1.9 V, 2.5 V, and
3.3 V
D Synchronizable to External Clock Signal up
to 1 MHz
D Up to 600 mA Output Current
D Pin-Programmable Current Limit
D High Efficiency Over a Wide Load Current
Range in Power Save Mode
D 100% Maximum Duty Cycle for Lowest
Dropout
D Low-Noise Operation Antiringing Switch
and PFM/PWM Operation Mode
D Internal Softstart
D 50-µA Quiescent Current (TYP)
D Available in the 10-Pin Microsmall Outline
Package (MSOP)
D Evaluation Module Available
D Available in a Ultra-Small, 12-Pin
NanoStar
E (Wafer Chip-Scale) Package
APPLICATIONS
D Low-Power CPUs and DSPs
D Cellular Phones
D Organizers, PDAs, and Handheld PCs
D MP-3 Portable Audio Players
D Digital Cameras
D USB-Based DSL Modems and Other
Network Interface Cards
description
The TPS6200x devices are a family of low-noise synchronous step-down dc-dc converters that are ideally
suited for systems powered from a 1-cell Li-ion battery or from a 2- to 3-cell NiCd, NiMH, or alkaline battery. The
TPS6200x operates typically down to an input voltage of 1.8 V, with a specified minimum input voltage of 2 V.
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
EFFICIENCY
vs
LOAD CURRENT
IO − Load Current − mA
VI = 3.6 V,
VO = 2.5 V
Figure 1
VIN
1
8
6
7
32
9
5
10
4
10
µH
EN
ILIM
SYNC
GND
FC
PG
PGND
FB
L
TPS6200x
10
µF
VO = 0.8 V
to VI
PG
0.1
µF
10
µF
VI = 2 V
to 5.5 V
† With VO ≥1.8 V; Co = 10 µF, VO <1.8 V; Co = 47 µF
Figure 2. Typical Application Circuit for Fixed
Output Voltage Option
SYNC = Low
SYNC = High
Copyright
 2002−2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPS62002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62002DGS TI1-TPS62002DGS Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62002DGSG4 TI1-TPS62002DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62002DGSR TI1-TPS62002DGSR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62002QDGSRQ1 TI1-TPS62002QDGSRQ1 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com