Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40004 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS40004
Description  LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40004 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40004 Datasheet HTML 2Page - Texas Instruments TPS40004 Datasheet HTML 3Page - Texas Instruments TPS40004 Datasheet HTML 4Page - Texas Instruments TPS40004 Datasheet HTML 5Page - Texas Instruments TPS40004 Datasheet HTML 6Page - Texas Instruments TPS40004 Datasheet HTML 7Page - Texas Instruments TPS40004 Datasheet HTML 8Page - Texas Instruments TPS40004 Datasheet HTML 9Page - Texas Instruments TPS40004 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507C − JANUARY 2002 − REVISED JUNE 2004
6
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT
10
O
Provides a bootstrapped supply for the topside MOSFET driver, enabling the gate of the topside
MOSFET to be driven above the input supply rail
COMP
3
O
Output of the error amplifier
FB
2
I
Inverting input of the error amplifier. In normal operation the voltage at this pin is the internal reference level of 700 mV.
GND
5
Power supply return for the device. The power stage ground return on the board requires a separate path from other
sensitive signal ground returns.
HDRV
9
O
This is the gate drive output for the topside N-channel MOSFET. HDRV is bootstrapped to near 2
×VDD for good en-
hancement of the topside MOSFET.
ILIM
1
I
A resistor is connected between this pin and VDD to set up the over current threshold voltage. A 15-
µA current sink at
the pin establishes a voltage drop across the external resistor that represents the drain-to-source voltage across the
top side N-channel MOSFET during an over current condition. The ILIM over current comparator is blanked for the
first 100 ns to allow full enhancement of the top
MOSFET. Set the ILIM voltage level such that it is within 800 mV of VDD; that is, (VDD − 0.8) ≤ IILIM ≤ VDD.
LDRV
6
O
Gate drive output for the low-side synchronous rectifier N-channel MOSFET
SS/SD
4
I
Soft-start and overcurrent fault shutdown times are set by charging and discharging a capacitor connected to this pin.
A closed loop soft-start occurs when the internal 3-
µA current source charges the external capacitor from 0.17 V to
0.70 V. During the soft-start period, the current sink capability of the TPS40001 and TPS40003 is disabled. When the
SS/SD voltage is less than 0.12 V, the device is shutdown and the HDRV and LDRV are driven low. In normal opera-
tion, the capacitor is charged to 1.5 V. When a fault condition is asserted, the HDRV is driven low, and the LDRV is
driven high. The soft-start capacitor goes through six charge/discharge cycles, restarting the converter on the seventh
cycle.
SW
8
O
Connect to the switched node on the converter. This pin is used for overcurrent sensing in the topside N-channel
MOSFET, zero current sensing in synchronous rectifier N-channel MOSFET, and level sensing for predictive delay
circuit. Overcurrent is determined, when the topside N-channel MOSFET is on, by comparing the voltage on SW with
respect to VDD and the voltage on the ILIM with respect to VDD. Zero current is sensed, when the rectifier N-channel
MOSFET is on, by measuring the voltage on SW with respect to ground. Zero current sensing applies to the
TPS40000/2 devices only.
VDD
7
I
Power input for the chip, 5.5-V maximum. Decouple close to the pin with a low-ESR capacitor, 1-
µF or larger.


Similar Part No. - TPS40004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40004 TI-TPS40004 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40004DGQ TI-TPS40004DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40004DGQ TI1-TPS40004DGQ Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40004DGQR TI1-TPS40004DGQR Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com