Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1030A0101000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1030A0101000
Description  16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1030A0101000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1030A0101000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1030A0101000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1030A0101000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
ITC, PLTC
CEC/C(UL) Specification:
CMG
AWM Specification:
UL Style 2464 (300 V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 FT4 Loading
CSA Flame Test:
FT4
IEEE Flame Test:
1202
Suitability
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Surface Printing (Overall)
Electrical Characteristics (Overall)
Nom. Inductance:
Inductance (µH/m)
0.62339
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
200.141
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
374.034
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
12.1397
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
16.7331
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
11 Amps per conductor @ 25°C
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1030A Multi-Conductor - 300V Power-Limited Tray Cable


Similar Part No. - 1030A0101000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1030A BELDEN-1030A Datasheet
164Kb / 2P
   Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-0061000 BELDEN-1030A-0061000 Datasheet
164Kb / 2P
   Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-00610000 BELDEN-1030A-00610000 Datasheet
164Kb / 2P
   Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-0065000 BELDEN-1030A-0065000 Datasheet
164Kb / 2P
   Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1030A-0101000 BELDEN-1030A-0101000 Datasheet
164Kb / 2P
   Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
More results

Similar Description - 1030A0101000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347101 ETC2-1347101 Datasheet
98Kb / 3P
   16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1346634 ETC2-1346634 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1421A ETC2-1421A Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1348168 ETC2-1348168 Datasheet
102Kb / 3P
   18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
28399 ETC2-28399 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
9842 ETC2-9842 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9841 ETC2-9841 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
28423 ETC2-28423 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28396 ETC2-28396 Datasheet
32Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28431 ETC2-28431 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com