Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60402 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60402
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60402 Datasheet(HTML) 1 Page - Texas Instruments

  TPS60402 Datasheet HTML 1Page - Texas Instruments TPS60402 Datasheet HTML 2Page - Texas Instruments TPS60402 Datasheet HTML 3Page - Texas Instruments TPS60402 Datasheet HTML 4Page - Texas Instruments TPS60402 Datasheet HTML 5Page - Texas Instruments TPS60402 Datasheet HTML 6Page - Texas Instruments TPS60402 Datasheet HTML 7Page - Texas Instruments TPS60402 Datasheet HTML 8Page - Texas Instruments TPS60402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
SLVS324 – JULY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Inverts Input Supply Voltage
D Up to 60-mA Output Current
D Only Three Small 1-µF Ceramic Capacitors
Needed
D Input Voltage Range From 1.6 V to 5.5 V
D PowerSave-Mode for Improved Efficiency
at Low Output Currents (TPS60400)
D Device Quiescent Current Typical 100 µA
D Integrated Active Schottky-Diode for
Start-Up Into Load
D Small 5-Pin SOT23 Package
D Evaluation Module Available
TPS60400EVM–178
applications
D LCD Bias
D GaAs Bias for RF Power Amps
D Sensor Supply in Portable Instruments
D Bipolar Amplifier Supply
D Medical Instruments
D Battery-Operated Equipment
description
The TPS6040x is a family of devices that generate an unregulated negative output voltage from an input voltage
ranging from 1.6 V to 5.5 V. The devices are typically supplied by a preregulated supply rail of 5 V or 3.3 V. Due
to its wide input voltage range, two or three NiCd, NiMH, or alkaline battery cells, as well as one Li-Ion cell can
also power them.
Only three external 1-
µF capacitors are required to build a complete dc/dc charge pump inverter. Assembled
in a 5-pin SOT23 package, the complete converter can be built on a 50 mm2 board area. Additional board area
and component count reduction is achieved by replacing the Schottky diode that is typically needed for start-up
into load by integrated circuitry.
The TPS6040x can deliver a maximum output current of 60 mA with a typical conversion efficiency of greater
than 90% over a wide output current range. Three device options with 20-kHz, 50-kHz, and 250-kHz fixed
frequency operation are available. One device comes with a variable switching frequency to reduce operating
current in applications with a wide load range and enables the design with low-value capacitors.
typical application circuit
TPS60400
CFLY–
CFLY+
35
OUT
IN
GND
1
2
4
CI
1
µF
CO
1
µF
Output
–1.6 V to –5 V,
Max 60 mA
Input
1.6 V to 5.5 V
C(fly)
1
µF
–5
–4
–3
–2
–1
0
01
23
45
IO = 60 mA
IO = 30 mA
IO = 1 mA
TA = 25°C
VI – Input Voltage – V
TPS60400
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
OUT
IN
CFLY–
CFLY+
GND
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS60402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60402 TI-TPS60402 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
TPS60402-Q1 TI1-TPS60402-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60402DBVR TI1-TPS60402DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60402DBVRG4 TI1-TPS60402DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60402DBVT TI1-TPS60402DBVT Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com