Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPA-A5630AZL27 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPA-A5630AZL27
Description  Light LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-A5630AZL27 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPA-A5630AZL27 Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-A5630AZL27 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4/20
Part No. : LTPA-A5630AZL
BNS-OD-FC002/A4
Light LED
LTPA-A5630AZL
4.1 Typical Performance
Parameter
Symbol
Values
Unit
Test Condition
Min
Typ.
Max
Correlated Color Temperature
CCT
2700
--
6500
K
IF = 120mA
Luminous Flux
1
Φv
41
--
63.5
lm
IF = 120mA
Color Rendering Index
CRI
80
--
--
-
IF = 120mA
Viewing Angle
1/2
--
120
--
deg
Forward Voltage
VF
2.9
3.13
3.3
V
IF = 120mA
Notes
1. Luminous flux is the total luminous flux output as measured with an integrating sphere.
2. Iv (flux
v) classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommended using a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. CAS140B is the test standard for the chromaticity coordinates (x, y) &
v.
6. The chromaticity coordinates (x, y) guarantee should be added +/- 0.01 tolerances
7. CRI measurement allowance is ±3
4. Electro-Optical Characteristics


Similar Part No. - LTPA-A5630AZL27

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-2720SAETU LITEON-LTPA-2720SAETU Datasheet
784Kb / 15P
   Specific Lighting
LTPA-2720ZAETU LITEON-LTPA-2720ZAETU Datasheet
759Kb / 15P
   Specific Lighting
LTPA-2720ZWETU LITEON-LTPA-2720ZWETU Datasheet
713Kb / 15P
   Specific Lighting
LTPA-C0800MXE LITEON-LTPA-C0800MXE Datasheet
775Kb / 21P
   Light LED
LTPA-C22FULME LITEON-LTPA-C22FULME Datasheet
2Mb / 17P
   Multi-chips Array Series
More results

Similar Description - LTPA-A5630AZL27

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
   Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
   Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
   Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
   Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
   Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
   Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
   Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
   Light LED
LTW-K140SZR30 LITEON-LTW-K140SZR30 Datasheet
715Kb / 19P
   Light LED
LTPA-C0800MXE LITEON-LTPA-C0800MXE Datasheet
775Kb / 21P
   Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com