Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHM2932A1 Datasheet(PDF) 1 Page - TDK Electronics

Part # HHM2932A1
Description  Multilayer Chip Directional Couplers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM2932A1 Datasheet(HTML) 1 Page - TDK Electronics

  HHM2932A1 Datasheet HTML 1Page - TDK Electronics HHM2932A1 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
001-01 / 20130901 / rf_coupler_hhm2932a1_en.fm
• All specifications are subject to change without notice.
Multilayer Chip Directional Couplers
For GSM850/GSM900 Tx
HHM Series HHM2932A1
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERNS
ELECTRICAL CHARACTERISTICS
1 25°C
2 Operating temperature
Frequency range
824 to 925MHz
Coupling factor
27.0±1.3dB
Insertion loss
0.20dB max.1
0.23dB max.2
Isolation
33dB min.
VSWR
1.3max.
Temperature range
Operating
–40 to +85°C
Storage
–40 to +85°C
Conformity to RoHS Directive
Dimensions in mm
43
12
0.50±0.15
1.00±0.05
1
Coupling
250
Ω term
3
Output
4
Input
Terminal functions
0.25
+0.15
–0.10
0.40
0.15
Dimensions in mm
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - HHM2932A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM2933A1 TDK-HHM2933A1 Datasheet
72Kb / 6P
   Multilayer Directional Coupler
More results

Similar Description - HHM2932A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM2204SA1 TDK-HHM2204SA1 Datasheet
51Kb / 2P
   Multilayer Chip Directional Couplers
HHM2910E8 TDK-HHM2910E8 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2914A1 TDK-HHM2914A1 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2918A1 TDK-HHM2918A1 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2915A2 TDK-HHM2915A2 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2910E4 TDK-HHM2910E4 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2918A2 TDK-HHM2918A2 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2920A1 TDK-HHM2920A1 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2917B1 TDK-HHM2917B1 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2220SA3 TDK-HHM2220SA3 Datasheet
73Kb / 6P
   Multilayer Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com