Electronic Components Datasheet Search |
|
58616 Datasheet(PDF) 1 Page - Alpha Wire |
|
58616 Datasheet(HTML) 1 Page - Alpha Wire |
|
1 / 1 page ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION Part Number: 58616 Issue: 6 Page 1 of 1 Pages Issue Date: 11/14/2007 Effective Date: 11/14/2007 Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure product availability. Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. 711 Lidgerwood Ave Elizabeth, NJ 07207-0711 Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com www.alphawire.com A. Construction Diameters (In) 1) Component 1 6 X 1 PAIR a) Conductor 22 (7/30) AWG TC b) Insulation 0.007" Wall, Nom. (FEP) 0.044 (1) Color Code Alpha Wire Company Color Code A1 Pair Color Pair Color Pair Color 1 BLACK-RED 3 BLACK-GREEN 5 BLACK-YELLOW 2 BLACK-WHITE 4 BLACK-BLUE 6 BLACK-BROWN c) Pair 2/Cond Cabled Together (1) Twists: 8.0 Twists/foot (min) Individually Applied: d) Shield: Foil Free Alum/Mylar Tape, 25% Overlap, Min. (1) Foil Direction Foil Facing In (2) Drain Wire 24 (7/32) AWG TC 2) Cable Assembly 6 Components Cabled a) Twists: 3.0 Twists/foot (min) b) Core Wrap Clear Mylar Tape, 25% Overlap, Min. 3) Shield: Alum/Mylar Tape, 25% Overlap, Min. a) Foil Direction Foil Facing In b) Drain Wire 24 (7/32) AWG TC 4) Jacket 0.009" Wall, Nom.,PVDF 0.272 (0.287 Max.) a) Color(s) SLATE b) Print ALPHA WIRE-* P/N 58616 6PR 22 AWG SHIELDED 125C (UL) TYPE CL2P --- LLXXXXXX CSA TYPE CMP FT6 ROHS * = Factory Code [Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.] B. Industry Approvals 1) UL CL2P 125°C 2) CSA International CMP 125°C FT6 3) EU Directive 2002/95/EC(RoHS): All materials used in the manufacture of this part are in compliance with EU Directive 2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture. 4) California Proposition 65: The outer surface materials used in the manufacture of this part meet the requirements of California Proposition 65. C. Physical & Mechanical Properties 1) Temperature Range -55 to 125°C 2) Bend Radius 10X Cable Diameter 3) Pull Tension 91 Lbs, Maximum D. Electrical Properties (For Engineering purposes only) 1) Voltage Rating 150 VRMS 2) Mutual Capacitance 29 pf/ft @1 kHz, Nominal 3) Ground Capacitance 51 pf/ft @1 kHz, Nominal E. Other 1) Packaging a) 1000 FT b) 500 FT |
Similar Part No. - 58616 |
|
Similar Description - 58616 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |