Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL193 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL193
Description  Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL193 Datasheet(HTML) 3 Page - Texas Instruments

  TIL193 Datasheet HTML 1Page - Texas Instruments TIL193 Datasheet HTML 2Page - Texas Instruments TIL193 Datasheet HTML 3Page - Texas Instruments TIL193 Datasheet HTML 4Page - Texas Instruments TIL193 Datasheet HTML 5Page - Texas Instruments TIL193 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIL191, TIL192, TIL193, TIL191A, TIL192A, TIL193A
TIL191B, TIL192B, TIL193B
OPTOCOUPLERS
SOES026B – APRIL 1989 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
80
60
20
0
0
0.2
0.4
0.6
0.8
1
1.2
100
140
FORWARD CURRENT
vs
FORWARD VOLTAGE
160
1.4
1.6
1.8
2
40
120
VF – Forward Voltage – V
TA = 25°C
TA = 70°C
TA = – 55°C
8
6
2
0
0
1
2
3
456
10
14
COLLECTOR CURRENT
vs
COLLECTOR-EMITTER VOLTAGE
16
78
9
10
4
12
TIL191, TIL192, TIL193
VCE – Collector-Emitter Voltage – V
IB = 0
TA = 25°C
IF = 12 mA
IF = 10 mA
IF = 8 mA
IF = 5 mA
IF = 2 mA
Figure 3
0.01
0.001
0.1
0.4
1
4
10
40
100
ON-STATE COLLECTOR CURRENT (NORMALIZED)
vs
INPUT DIODE FORWARD CURRENT
0.1
1
10
100
VCE = 5 V
Normalized to IF = 5 mA
TA = 25°C
IF – Input Diode Forward Current – mA
Figure 4
Figure 5
0.8
0.7
0.5
0.4
0.9
1.1
1.2
1
0.6
– 50
– 25
0
25
50
75
100
TA – Free-Air Temperature – °C
VCE = 5 V
IF = 5 mA
IB = 0
ON-STATE COLLECTOR CURRENT
(RELATIVE TO VALUE AT 25
°C)
vs
FREE-AIR TEMPERATURE


Similar Part No. - TIL193

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
TIL193 ISOCOM-TIL193 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL193A ISOCOM-TIL193A Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL193B ISOCOM-TIL193B Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TIL193

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K101 KODENSHI-K101 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com