Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7428D1L5R2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7428D1L5R2G
Description  System Basis Chip with Integrated LIN and Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7428D1L5R2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7428D1L5R2G Datasheet HTML 5Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 6Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 7Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 8Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 9Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 10Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 11Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 12Page - ON Semiconductor NCV7428D1L5R2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCV7428
www.onsemi.com
9
Functional Description
VS Supply Input
VS pin of NCV7428 is typically connected to the car
battery through a reverse−protection diode and can be
exposed to all relevant automotive disturbances (ISO7637
pulses, system ESD ...). VS supplies mainly the integrated
LIN transceiver. Filtering capacitors should be connected
between VS and GND.
During power−up of the battery supply, VS pin must reach
VS_PORH level in order for the circuit to become functional
– the internal state machine is initiated and the VOUT
regulator is activated. The circuit remains functional until
VS falls back below VS_PORL level, when the device enters
the Shutdown mode.
VOUT Low−drop Voltage Regulator
The application low−voltage supply is provided by an
integrated low−drop voltage regulator delivering a 5 V or
3.3 V output VOUT. It is able to deliver up to 70 mA with
given precision and is primarily intended to supply the
application microcontroller unit (MCU) and related 5 V or
3.3 V loads (e.g. its own MCU−related digital inputs/
outputs). An external capacitor needs to be connected on
VOUT pin in order to ensure the regulator’s stability and to
filter the disturbances caused by the connected loads.
All low−voltage digital pins are related to VOUT.
LIN Transceiver
NCV7428 integrates on−chip LIN transceiver interface
between physical LIN bus and the LIN protocol controller.
This LIN physical layer is compatible to LIN2.x and
J2602 specifications.
NCV7428 LIN2.2 compliant physical layer can be
combined on the network with all previous LIN physical
layers.
NCV7428 LIN transceiver consists of a transmitter,
receiver and wakeup detector. The LIN transceiver can be
connected to the bus line via LIN pin, and to the digital
control through pins TxD and RxD. The functional mode of
the LIN transceiver depends on the operating mode and on
EN pin state – see Figure 3. The LIN transceiver is supplied
directly from the VS pin.
LIN Operating Modes
In LIN Active mode the transceiver can transmit and
receive data via LIN bus with speed up to 20 kBaud for
normal slope mode and 10 kBaud/s for low slope version.
The transmit data stream of the LIN protocol is present on
the TxD pin and converted by the transmitter into a LIN bus
signal with controlled slew rate to minimize EMC emission.
The receiver consists of the comparator that has a threshold
with hysteresis in respect to the supply voltage and an input
filter to remove bus noise. The LIN output is pulled HIGH
via an internal pull−up resistor (typ. 30 k
W). For master
applications, it is needed to put an external resistor (typ.
1k
W) with a serial diode between LIN and VS. The mode
selection is done by EN = High.
The transmission is only initiated with the TxD falling
edge in LIN Active mode. Entering this mode with TxD
already Low will not lead to transmitting bus Dominant
signal.
When leaving Normal mode (EN pin falling edge), the
transmitter is deactivated immediately.
The LIN Wakeup mode can be entered if the EN pin is
Low. The LIN receiver stays active to be able to detect a
remote wake−up via bus. The LIN transmitter is disabled
and the slave internal termination resistor of 30 k
W between
LIN and VS is disconnected in order to minimize current
consumption. Only a pull−up current source between Vs and
LIN is active. The valid LIN wakeup event causes driving
RxD Low until EN pin is pulled High.
A Wakeup pattern that is initiated in LIN Active mode and
ends in LIN Wakeup mode is also considered a valid Wakeup
event.
The LIN Wakeup mode is also forced if the device enters
to the Sleep operating mode.
The LIN Off mode provides extreme low current
consumption, LIN transceiver is fully deactivated. Pin RxD
stays High (as long as VOUT is provided) and logical level
on TxD is ignored.
The bus pin is internally pulled to VS with a current source
(thus limiting VS consumption in case of a permanent LIN
short to GND).
This mode is entered when NCV7428 is in Shutdown
mode (VS < VS_PORL) or in Thermal Shutdown mode (TJ >
TJ_SD).


Similar Part No. - NCV7428D1L5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7428D1L5R2G ONSEMI-NCV7428D1L5R2G Datasheet
182Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
August, 2016 ??Rev. 5
More results

Similar Description - NCV7428D1L5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7428 ONSEMI-NCV7428_16 Datasheet
182Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
August, 2016 ??Rev. 5
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Infineon Technologies A...
TLE7263E INFINEON-TLE7263E Datasheet
902Kb / 63P
   Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
Rev. 1.51, June 2007
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com