Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7462 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7462
Description  LIN/CAN SBC/System-IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7462 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7462_16 Datasheet HTML 4Page - ON Semiconductor NCV7462_16 Datasheet HTML 5Page - ON Semiconductor NCV7462_16 Datasheet HTML 6Page - ON Semiconductor NCV7462_16 Datasheet HTML 7Page - ON Semiconductor NCV7462_16 Datasheet HTML 8Page - ON Semiconductor NCV7462_16 Datasheet HTML 9Page - ON Semiconductor NCV7462_16 Datasheet HTML 10Page - ON Semiconductor NCV7462_16 Datasheet HTML 11Page - ON Semiconductor NCV7462_16 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
NCV7462
www.onsemi.com
8
Figure 4. Thermal Resistance Junction−to−Ambient
100
90
80
70
60
50
40
30
20
10
0
0
200
400
600
1200
1000
800
TOP COPPER PLANE AREA (mm2)
1S0P, 1 oz Cu
1S0P, 2 oz Cu
1S2P, 1 oz Cu
1S2P, 2 oz Cu
VR1 on
ELECTRICAL CHARACTERISTICS
(−40
°C ≤ TJ ≤ 150°C, 6 V ≤ Vs ≤ 18 V, unless otherwise specified)
Table 5. VS SUPPLY
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VS
Supply Voltage
Functional Voltage regulators with deteriorated
performance
5
28
V
Parameter specification
6
18
VS_POR
VS POR threshold
2.8
3.45
4.1
V
VS_UV
VS UV−threshold voltage
5.11
5.81
V
VS_UV_hyst
Undervoltage hysteresis
0.04
0.1
0.2
V
VS_OV
VS OV−threshold voltage
20
22
V
VS_OV_hyst
Overvoltage hysteresis
0.5
1
1.5
V
I_VS_sleep
VS consumption in
sleep mode
Sleep mode
VS = 12 V, VR1/2 are off, bus communication off
No wake−up request pending, OUTx = floating
TJ = 85°C (Note 1)
10
30
60
mA
I_VS_sleep_cs
VS consumption in
sleep mode
(with cyclic sense)
Sleep mode
VS = 12 V, VR1/2 are off, bus communication off
T2_PER = 50 ms, T2_TON = 100
ms
No wake−up request pending
TJ = 85°C (Note 1)
40
70
130
mA
I_VS_stdby
VS consumption in
standby mode
Standby mode
VS = 12 V, VR1 not loaded, VR2 off
VR1 current comparator enabled
OUTx = floating
Bus communication off, no cyclic sensing
No wake−up request pending
TJ = 85°C (Note 1)
30
70
80
mA
I_VS_stdby_cs
VS consumption in
standby mode
(with cyclic sense)
Standby mode
VS = 12 V, VR1 not loaded, VR2 off
VR1 current comparator enabled
T2_PER = 50 ms, T2_TON = 100
ms
Bus communication off
No wake−up request pending
TJ = 85°C (Note 1)
100
mA
I_VS_norm
VS consumption in
normal mode
Normal mode
VR1/2 are on (unloaded)
OUTx = floating, TxD LIN/CAN not active,
Opamp outputs not loaded
4.5
10
mA
I_VS_add_VR1
VR1 current
consumption from VS
Normal/Standby mode, VR1 loaded
0.011
Iout_VR1
mA
I_VS_add_VR2
VR2 current
consumption from VS
VR2 loaded
0.013
Iout_VR2
mA
1. Values based on design and characterization, not tested in production.


Similar Part No. - NCV7462_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results

Similar Description - NCV7462_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
   System basis chip (SBC) for LIN applications
logo
ATMEL Corporation
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com