Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7462 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7462
Description  LIN/CAN SBC/System-IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7462 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7462_16 Datasheet HTML 3Page - ON Semiconductor NCV7462_16 Datasheet HTML 4Page - ON Semiconductor NCV7462_16 Datasheet HTML 5Page - ON Semiconductor NCV7462_16 Datasheet HTML 6Page - ON Semiconductor NCV7462_16 Datasheet HTML 7Page - ON Semiconductor NCV7462_16 Datasheet HTML 8Page - ON Semiconductor NCV7462_16 Datasheet HTML 9Page - ON Semiconductor NCV7462_16 Datasheet HTML 10Page - ON Semiconductor NCV7462_16 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
NCV7462
www.onsemi.com
7
Table 3. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
Vop_VS_par
Power supply voltage for valid
parameter specifications
6
18
V
Vop_VS_func
Power supply for correct functional behavior
5
28
V
Vop_WU1−3
Wake DC and transient voltage
0
VS
V
Vop_OPOUT1/2
Opamp analog output voltage range
0
VS
V
Vop_OUT1−4
Vop_OUT_HS
High−side output voltage range
0
VS
V
Vop_LS1/2
LS1/2 pin voltage range DC
LS1/2 pin transient voltage range (during flyback)
0
0
VS
65
V
V
Vop_LIN
Vop_INH
LIN and INH pin voltage range
0
VS
V
Vop_CANH/L
Vop_VSPLIT
DC voltage on pin CANH, CANL and VSPLIT
0
VCC_CAN
V
Vop_VR1
Stabilized supply voltage
4.9
5.1
V
Vop_VR2
Stabilized supply voltage
4.9
5.1
V
Vop_VCC_CAN_normal
Supply input for the CAN transceiver for normal
operation (transmission and reception)
4.75
5.25
V
Vop_VCC_CAN_lowpower
Supply input for the CAN transceiver for low−power
operation (CAN wakeup detection)
0
5.25
V
Vop_digIO
DC voltage at digital pins (RxDC, NRES, RxDL/INTN, SDI,
SDO, SCLK, CSN)
0
VR1
V
Vop_OP1/2(+/−)
Opamp input voltage range
−0.2
3
V
Vop_TxDL(C)/FLASH
DC voltage at TxDL/FLASH and TxDC/FLASH inputs
0
18
V
Tj_op
Junction temperature
−40
+150
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 4. THERMAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
THERMAL PROTECTION
Tjw
Thermal warning level
120
130
140
°C
Tjw_hys
Thermal warning hysteresis
5
°C
Tjsd1
Thermal shut−down level 1
130
140
150
°C
Tjsd1_hys
Thermal shut−down 1 hysteresis
5
°C
Tjsd2
Thermal shut−down level 2
140
155
170
°C
Tjsd2_hys
Thermal shut−down 2 hysteresis
5
°C
THERMAL RESISTANCE
Rth_jc
Thermal resistance junction−to−case
3.5
°C/W
Rth_ja
Thermal resistance junction−to−ambient
see figure below
°C/W


Similar Part No. - NCV7462_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results

Similar Description - NCV7462_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
   System basis chip (SBC) for LIN applications
logo
ATMEL Corporation
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com