Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7420D23R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV7420D23R2G
Description  LIN Transceiver with 3.3V or 5 V Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7420D23R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV7420D23R2G Datasheet HTML 1Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 2Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 3Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 4Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 5Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 6Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 7Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 8Page - ON Semiconductor NCV7420D23R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCV7420
www.onsemi.com
2
MARKING DIAGRAM
NCV7420−x
AWLYWWG
1
14
NCV7420 = Specific Device Code
−x
= −3 = NCV7420D23G
= −4 = NCV7420D24G
= −5 = NCV7420D25G
= −6 = NCV7420D26G
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
Table 1. KEY TECHNICAL CHARACTERISTICS − 3.3 V version
Symbol
Parameter
Min
Typ
Max
Unit
VBB
Nominal battery operating voltage (Note 1)
5
12
26
V
Load dump protection (Note 2)
45
IBB_SLP
Supply current in sleep mode
20
mA
VCC_OUT
(Note 4)
Regulated VCC output, VCC load 1 mA−30 mA
3.23
3.30
3.37
V
Regulated VCC output, VCC load 0 mA−50 mA
3.19
3.30
3.41
IOUT_MAX
Maximum VCC output current (Note 3)
50
mA
VWAKE
Operating DC voltage on WAKE pin
0
VBB
V
Maximum rating voltage on WAKE pin
−45
45
TJSD
Junction thermal shutdown temperature
165
195
°C
TJ
Operating junction temperature
−40
+150
°C
Table 2. KEY TECHNICAL CHARACTERISTICS − 5 V version
Symbol
Parameter
Min
Typ
Max
Unit
VBB
Nominal battery operating voltage (Note 1)
6
12
26
V
Load dump protection
45
IBB_SLP
Supply current in sleep mode
20
mA
VCC_OUT
(Note 4)
Regulated VCC output, VCC load 1 mA−30 mA
4.9
5.0
5.1
V
Regulated VCC output, VCC load 0 mA−50 mA
4.83
5.0
5.17
IOUT_MAX
Maximum VCC output current (Note 3)
50
mA
VWAKE
Operating DC voltage on WAKE pin
0
VBB
V
Maximum rating voltage on WAKE pin
−45
45
TJSD
Junction thermal shutdown temperature
165
195
°C
TJ
Operating junction temperature
−40
+150
°C
1. Below 5 V on VBB in normal mode, the bus will either stay recessive or comply with the voltage level specifications and transition time
specifications as required by SAE J2602. It is ensured by the battery monitoring circuit.
2. The applied transients shall be in accordance with ISO 7637 part 1, test pulse 5. The device complies with functional class C; class A can
be reached depending on the application and external conditions.
3. Thermal aspects of the entire end−application have to be taken into account in order to avoid thermal shutdown of NCV7420.
4. VCC voltage regulator output must be properly decoupled by external capacitor of min. 8 mF with ESR < 1 W to ensure stability.
Table 3. THERMAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
RqJA1
Thermal resistance junction−to−ambient, 1S0P PCB (Note 5)
free air
140
K/W
RqJA2
Thermal resistance junction−to−ambient, 2S2P PCB (Note 6)
free air
80
K/W
5. Test board according to EIA/JEDEC Standard JESD51−3, signal layer with 20% trace coverage
6. Test board according to EIA/JEDEC Standard JESD51−7, signal layers with 20% trace coverage


Similar Part No. - NCV7420D23R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420D23R2G ONSEMI-NCV7420D23R2G Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420D23R2G ONSEMI-NCV7420D23R2G Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
More results

Similar Description - NCV7420D23R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420 Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
logo
AMI SEMICONDUCTOR
AMIS-40615 AMI-AMIS-40615 Datasheet
637Kb / 17P
   LIN Transceiver with 3.3V Voltage Regulator
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com