Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7321D10R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7321D10R2G
Description  Stand-alone LIN Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7321D10R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7321D10R2G Datasheet HTML 4Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 5Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 6Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 7Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 8Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 9Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 10Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 11Page - ON Semiconductor NCV7321D10R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCV7321
www.onsemi.com
8
Table 5. DC CHARACTERISTICS (VBB = 5 V to 27 V; TJ = −40°C to +150°C; Bus Load = 500 W (VBB to LIN); unless otherwise
specified. Typical values are given at VBB = 12 V and TJ = 25°C, unless otherwise specified.)
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
LIN TRANSMITTER
VLIN_dom_HiSup
LIN Dominant Output
Voltage
TxD = Low; VBB = 18 V
2.0
V
VLIN_REC
LIN Recessive Output
Voltage (Note 16)
TxD = High; ILIN = 10 mA
VBB − 1.5
VBB
V
ILIN_lim
Short Circuit Current
Limitation
VLIN = VBB_max
40
200
mA
Rslave
Internal Pull−up
Resistance
20
33
47
k
W
CLIN
Capacitance on Pin
LIN (Note 15)
20
30
pF
LIN RECEIVER
Vbus_dom
Bus Voltage for
Dominant State
0.4
VBB
Vbus_rec
Bus Voltage for
Recessive State
0.6
VBB
Vrec_dom
Receiver Threshold
LIN Bus Recessive − Dominant
0.4
0.6
VBB
Vrec_rec
Receiver Threshold
LIN Bus Dominant − Recessive
0.4
0.6
VBB
Vrec_cnt
Receiver Centre
Voltage
(Vrec_dom + Vrec_rec)/2
0.475
0.525
VBB
Vrec_hys
Receiver Hysteresis
(Vrec_rec − Vrec_dom)
0.05
0.175
VBB
ILIN_off_dom
LIN Output Current,
Bus in Dominant State
Normal Mode, Driver Off;
VBB = 12 V, VLIN = 0 V
−1
mA
ILIN_off_dom_slp
LIN Output Current,
Bus in Dominant State
Sleep Mode, Driver Off;
VBB = 12 V, VLIN = 0 V
−20
−15
−2
mA
ILIN_off_rec
LIN Output Current,
Bus in Recessive State
Driver Off;
VBB < 18 V; VBB < VLIN < 18 V
1
mA
ILIN_no_GND
Communication not
Affected
VBB = GND = 12 V; 0 < VLIN < 18 V
−1
1
mA
ILIN_no_VBB
LIN Bus Remains
Operational
VBB = GND = 0 V; 0 < VLIN < 18 V
5
mA
PIN EN
Vil_EN
Low Level Input
Voltage
−0.3
0.8
V
Vih_EN
High Level Input
Voltage
2.0
5.5
V
Rpd_EN
Pull−down Resistance
to Ground
150
350
650
k
W
PIN TxD
Vil_TxD
Low Level Input
Voltage
−0.3
0.8
V
Vih_TxD
High Level Input
Voltage
2.0
5.5
V
Rpd_TxD
Pull−down Resistor on
TxD Pin,
Corresponding to
“Weak Pull−down”
Normal Mode or Sleep Mode or
Standby Mode after Power up or
Standby Mode after LIN Wake−up
150
350
650
k
W
15. Values based on design and characterization. Not tested in production.
16. The voltage drop in Normal mode between LIN and VBB pin is the sum of the diode drop and the drop at serial pull−up resistor. The drop
at the switch is negligible. See Figure 1.


Similar Part No. - NCV7321D10R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7321D10R2G ONSEMI-NCV7321D10R2G Datasheet
178Kb / 12P
   Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7321D10R2G ONSEMI-NCV7321D10R2G Datasheet
152Kb / 14P
   Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
More results

Similar Description - NCV7321D10R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
   LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
NCV7321 ONSEMI-NCV7321_16 Datasheet
152Kb / 14P
   Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
   Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
   Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
logo
Texas Instruments
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com