Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8538 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8538
Description  Micropower Sampling 12-Bit A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP8538 Datasheet HTML 4Page - Sipex Corporation SP8538 Datasheet HTML 5Page - Sipex Corporation SP8538 Datasheet HTML 6Page - Sipex Corporation SP8538 Datasheet HTML 7Page - Sipex Corporation SP8538 Datasheet HTML 8Page - Sipex Corporation SP8538 Datasheet HTML 9Page - Sipex Corporation SP8538 Datasheet HTML 10Page - Sipex Corporation SP8538 Datasheet HTML 11Page - Sipex Corporation SP8538 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
8
Icc versus Sampling Rate
(clock rate = 100kHz)
Vcc = 3.3V
Icc versus Sampling Rate
(clock rate = 500kHz)
Vcc = 5V
conversion time (
µs)
Vcc = 5.00V
Vcc = 3.30V
Input CMRR,
Vcc = 5V
FFT 20 dB/div
conversion time (
µs)
Frequency
SNR = -73.31 dB
THD = -78.53 dB
SINAD = -72.17 dB
SFDR = -80.15 dB
Vin amp = -0.02 dB
Input CMFrequency
0
13.9Kz
0
4095
0
4095


Similar Part No. - SP8538

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8530 SIPEX-SP8530 Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AN SIPEX-SP8530AN Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AS SIPEX-SP8530AS Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BN SIPEX-SP8530BN Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BS SIPEX-SP8530BS Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
More results

Similar Description - SP8538

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
   8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com