Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1217P133G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1217P133G
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217P133G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1217P133G Datasheet HTML 1Page - ON Semiconductor NCP1217P133G Datasheet HTML 2Page - ON Semiconductor NCP1217P133G Datasheet HTML 3Page - ON Semiconductor NCP1217P133G Datasheet HTML 4Page - ON Semiconductor NCP1217P133G Datasheet HTML 5Page - ON Semiconductor NCP1217P133G Datasheet HTML 6Page - ON Semiconductor NCP1217P133G Datasheet HTML 7Page - ON Semiconductor NCP1217P133G Datasheet HTML 8Page - ON Semiconductor NCP1217P133G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCP1217, NCP1217A
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C,
Max TJ = 150°C, VCC = 11 V unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
FEEDBACK SECTION (VCC = 11 V, Pin 5 Loaded by 1.0 kW)
Internal Pull−Up Resistor
2
Rup
19
kW
Pin 2 (FB) to Internal Current Setpoint Division Ratio
Iratio
3.3
SKIP CYCLE GENERATION
Default Skip Mode Level
1
Vskip
0.93
1.1
1.26
V
Pin 1 Internal Output Impedance
1
Zout
27
kW
INTERNAL RAMP COMPENSATION
Internal Ramp Level @ 25°C (Note 3)
3
Vramp
2.6
2.9
3.2
V
Internal Ramp Resistance to CS Pin
3
Rramp
19
kW
ADJUSTMENT LATCHOFF LEVEL
Latching Level
1
Vlatch
2.69
3.10
3.42
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. A 1.0 MW resistor is connected to the ground for the measurement.
TYPICAL CHARACTERISTICS
−50
60
50
20
0
0
TEMPERATURE (°C)
80
TEMPERATURE (°C)
10
40
50
150
1.8
Figure 3. High Voltage Pin Leakage Current vs.
Temperature
Figure 4. VCCOFF vs. Temperature
Figure 5. VCCMIN vs. Temperature
Figure 6. ICC 1.0 nF Load vs. Temperature
TEMPERATURE (°C)
2.2
1.0
2.4
100
−50
13.5
50
12.0
0
11.0
14.0
11.5
12.5
13.0
150
100
−50
50
0
7.0
9.0
TEMPERATURE (°C)
7.5
8.0
8.5
150
100
−50
50
0
150
100
1.4
1.6
2.0
1.2
70
30
65 kHz
100 kHz
133 kHz
2.8
3.0
2.6


Similar Part No. - NCP1217P133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217P133G ONSEMI-NCP1217P133G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217P133G ONSEMI-NCP1217P133G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
More results

Similar Description - NCP1217P133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com