Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1203P100G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1203P100G
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1203P100G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1203P100G Datasheet HTML 1Page - ON Semiconductor NCP1203P100G Datasheet HTML 2Page - ON Semiconductor NCP1203P100G Datasheet HTML 3Page - ON Semiconductor NCP1203P100G Datasheet HTML 4Page - ON Semiconductor NCP1203P100G Datasheet HTML 5Page - ON Semiconductor NCP1203P100G Datasheet HTML 6Page - ON Semiconductor NCP1203P100G Datasheet HTML 7Page - ON Semiconductor NCP1203P100G Datasheet HTML 8Page - ON Semiconductor NCP1203P100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 12
1
Publication Order Number:
NCP1203/D
NCP1203
PWM Current-Mode
Controller for Universal
Off-Line Supplies Featuring
Standby and Short Circuit
Protection
Housed in SOIC−8 or PDIP−8 package, the NCP1203 represents a
major leap toward ultra−compact Switchmode Power Supplies and
represents an excellent candidate to replace the UC384X devices. Due
to its proprietary SMARTMOS
™ Very High Voltage Technology, the
circuit allows the implementation of complete off−line AC−DC
adapters, battery charger and a high−power SMPS with few external
components.
With an internal structure operating at a fixed 40 kHz, 60 kHz or
100 kHz switching frequency, the controller features a high−voltage
startup FET which ensures a clean and loss−less startup sequence. Its
current−mode control naturally provides good audio−susceptibility
and inherent pulse−by−pulse control.
When the current setpoint falls below a given value, e.g. the output
power demand diminishes, the IC automatically enters the so−called
skip cycle mode and provides improved efficiency at light loads
while offering excellent performance in standby conditions. Because
this occurs at a user adjustable low peak current, no acoustic noise
takes place.
The NCP1203 also includes an efficient protective circuitry which,
in presence of an output over load condition, disables the output
pulses while the device enters a safe burst mode, trying to restart.
Once the default has gone, the device auto−recovers. Finally, a
temperature shutdown with hysteresis helps building safe and robust
power supplies.
Features
High−Voltage Startup Current Source
Auto−Recovery Internal Output Short−Circuit Protection
Extremely Low No−Load Standby Power
Current−Mode with Adjustable Skip−Cycle Capability
Internal Leading Edge Blanking
250 mA Peak Current Capability
Internally Fixed Frequency at 40 kHz, 60 kHz and 100 kHz
Direct Optocoupler Connection
Undervoltage Lockout at 7.8 V Typical
SPICE Models Available for TRANsient and AC Analysis
Pin to Pin Compatible with NCP1200
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
AC−DC Adapters for Notebooks, etc.
Offline Battery Chargers
Auxiliary Power Supplies (USB, Appliances, TVs, etc.)
MARKING
DIAGRAM
x
= 4, 6, or 1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
www.onsemi.com
SOIC−8
D1, D2 SUFFIX
CASE 751
1
8
1
8
1203Pxx
AWL
YYWWG
1
8
See detailed ordering and shipping information on page 13 of
this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
1
Adj
8 HV
2
FB
3
CS
4
GND
7 NC
6 VCC
5 Drv
(Top View)
203Dx
ALYW
G
1
8
xx
= 40, 60, or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PDIP−8
N SUFFIX
CASE 626


Similar Part No. - NCP1203P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203P100G ONSEMI-NCP1203P100G Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
More results

Similar Description - NCP1203P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1201 ONSEMI-NCP1201_06 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com