Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1200
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1200_15 Datasheet HTML 7Page - ON Semiconductor NCP1200_15 Datasheet HTML 8Page - ON Semiconductor NCP1200_15 Datasheet HTML 9Page - ON Semiconductor NCP1200_15 Datasheet HTML 10Page - ON Semiconductor NCP1200_15 Datasheet HTML 11Page - ON Semiconductor NCP1200_15 Datasheet HTML 12Page - ON Semiconductor NCP1200_15 Datasheet HTML 13Page - ON Semiconductor NCP1200_15 Datasheet HTML 14Page - ON Semiconductor NCP1200_15 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1200
www.onsemi.com
11
Figure 21. A negative spike takes place on the Bulk capacitor at the switch−off sequence
Simple and inexpensive cures exist to prevent from
internal parasitic SCR activation. One of them consists in
inserting a resistor in series with the high−voltage pin to
keep the negative current to the lowest when the bulk
becomes negative (Figure 22). Please note that the negative
spike is clamped to –2 x Vf due to the diode bridge. Please
refer to AND8069/D for power dissipation calculations.
Another option (Figure 23) consists in wiring a diode from
VCC to the bulk capacitor to force VCC to reach UVLOlow
sooner and thus stops the switching activity before the bulk
capacitor gets deeply discharged. For security reasons, two
diodes can be connected in series.
Figure 22. A simple resistor in series avoids any
latchup in the controller
CVCC
D3
1N4007
8
7
6
5
1
2
3
4
+
Cbulk
+
1
3
CVCC
Rbulk
> 4.7 k
8
7
6
5
1
2
3
4
+
Cbulk
+
1
2
3
Figure 23. or a diode forces VCC to reach
UVLOlow sooner
A Typical Application
Figure 24 depicts a low−cost 3.5 W AC−DC 6.5 V wall
adapter. This is a typical application where the wall−pack
must deliver a raw DC level to a given internally regulated
apparatus: toys, calculators, CD players etc. Due to the
inherent short−circuit protection of the NCP1200, you only
need a bunch of components around the IC, keeping the final
cost at an extremely low level. The transformer is available
from different suppliers as detailed on the following page.


Similar Part No. - NCP1200_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D100R2 ONSEMI-NCP1200D100R2 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200D100R2 ONSEMI-NCP1200D100R2 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com