Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30083ADMR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30083ADMR2G
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30083ADMR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30083ADMR2G Datasheet HTML 1Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 2Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 3Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 4Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 5Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 6Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 7Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 8Page - ON Semiconductor NCL30083ADMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 2
1
Publication Order Number:
NCL30083/D
NCL30083
Dimmable Quasi-Resonant
Primary Side Current-Mode
Controller for LED Lighting
with Thermal Fold-back
The NCL30083 is a PWM current mode controller targeting isolated
flyback and non−isolated constant current topologies. The controller
operates in a quasi−resonant mode to provide high efficiency. Thanks
to a novel control method, the device is able to precisely regulate a
constant LED current from the primary side. This removes the need
for secondary side feedback circuitry, biasing and an optocoupler.
The device is highly integrated with a minimum number of external
components. A robust suite of safety protection is built in to simplify
the design. This device is specifically intended for very compact space
efficient designs. It supports step dimming by monitoring the AC line
and detecting when the line has been toggled on−off−on by the user to
reduce the light intensity in 5 steps down to 5% dimming.
Features
Quasi−resonant Peak Current−mode Control Operation
Primary Side Sensing (no optocoupler needed)
Wide VCC Range
Source 300 mA/Sink 500 mA Totem Pole Driver with 12 V Gate Clamp
Precise LED Constant Current Regulation ±1% Typical
Line Feed−forward for Enhanced Regulation Accuracy
Low LED Current Ripple
250 mV ±2% Guaranteed Voltage Reference for Current Regulation
~ 0.9 Power Factor with Valley Fill Input Stage
Low Start−up Current (13 mA typ.)
5 State Quasi−log Dimmable
Thermal Fold−back
Programmable soft−start
Wide Temperature Range of −40 to +125°C
Pb−free, Halide−free MSL1 Product
Robust Protection Features
Over Voltage / LED Open Circuit Protection
Over Temperature Protection
Secondary Diode Short Protection
Output Short Circuit Protection
Shorted Current Sense Pin Fault Detection
Latched and Auto−recoverable Versions
Brown−out
VCC Under Voltage Lockout
Thermal Shutdown
Typical Applications
Integral LED Bulbs
LED Power Driver Supplies
LED Light Engines
www.onsemi.com
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 35 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
AAx
= Specific Device Code
x
= E or F
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AAx
AYW
G
G
1
8
SS
VIN
VCC
DRV
SD
ZCD
CS
GND
(Top View)
1
Micro8
DM SUFFIX
CASE 846A
1
8
SOIC−8
D SUFFIX
CASE 751
1
8
L30083x = Specific Device Code
x= B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
L30083x
ALYW
G
1
8


Similar Part No. - NCL30083ADMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30083ADMR2G ONSEMI-NCL30083ADMR2G Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
More results

Similar Description - NCL30083ADMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30082 ONSEMI-NCL30082_13 Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com