Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6711-X007 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH6711-X007
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6711-X007 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SFH6711-X007 Datasheet HTML 3Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 4Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 5Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 6Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 7Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 8Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 9Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 10Page - Vishay Siliconix SFH6711-X007 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Document Number 83683
Rev. 1.3, 27-Apr-04
Vishay Semiconductors
www.vishay.com
7
Common Mode Transient Immunity
Tamb = 25 °C, VCC = 5.0 V
(4)
(4) CM
H is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic high level (VO > 2.0 V)
CML is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic high level (VO < 0.8 V)
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Logic High Common Mode
Transient Immunity
|VCM| = 50 V, IF = 1.6 mA
SFH6700
|CMH|
(4)
1000
V/
µs
SFH6701
|CMH|
(4)
1000
V/
µs
SFH6702
|CMH|
(4)
1000
V/
µs
SFH6705
|CMH|
(4)
1000
V/
µs
|VCM| = 400 V, IF = 1.6 mA
SFH6711
|CMH|
(4)
2500
V/
µs
SFH6712
|CMH|
(4)
2500
V/
µs
SFH6719
|CMH|
(4)
2500
V/
µs
Logic Low Common Mode
Transient Immunity
|VCM| = 50V, IF = 0 mA
SFH6700
|CML|
(4)
1000
V/
µs
|VCM| = 50 V, IF = 0 mA
SFH6701
|CML|
(4)
1000
V/
µs
SFH6702
|CML|
(4)
1000
V/
µs
SFH6705
|CML|
(4)
1000
V/
µs
|VCM| = 400 V, IF = 0 mA
SFH6711
|CML|
(4)
2500
V/
µs
SFH6712
|CML|
(4)
2500
V/
µs
SFH6719
|CML|
(4)
2500
V/
µs
Fig. 2 Permissible Total Power Dissipation vs. Temperature
isfh6700_02
TA - Temperature - °C
Emitter
Detector
150
120
100
75
50
25
0
–60
100
80
60
40
20
0
–20
–40
Fig. 3 Typical Input Diode Forward Current vs. Forward Voltage
isfh6700_03
VF - Forward Voltage
0.010
0.100
1.000
10.000
1.3
1.4
1.5
1.6
1.7


Similar Part No. - SFH6711-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6711-X007 VISHAY-SFH6711-X007 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
More results

Similar Description - SFH6711-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com