Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS30660CANH6G Datasheet(PDF) 6 Page - ON Semiconductor

Part # AMIS30660CANH6G
Description  High Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30660CANH6G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AMIS30660CANH6G Datasheet HTML 2Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 3Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 4Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 5Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 6Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 7Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 8Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 9Page - ON Semiconductor AMIS30660CANH6G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AMIS−30660
http://onsemi.com
6
Table 6. DC AND TIMING CHARACTERISTICS
(VCC = 4.75 V to 5.25 V; Tjunc = −40°C to +150°C; RLT = 60 W unless specified otherwise.)
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
BUS LINES (Pins CANH and CANL)
Vi(dif)(th)
Differential receiver threshold voltage
−5 V < VCANL < +10 V;
−5 V < VCANH < +10 V;
See Figure 4
0.5
0.7
0.9
V
Vihcm(dif) (th)
Differential receiver threshold voltage for
high common−mode
−35 V < VCANL < +35 V;
−35 V < VCANH < +35V;
See Figure 4
0.25
0.7
1.05
V
Vi(dif) (hys)
Differential receiver input voltage hyster-
esis
−5 V < VCANL < +10 V;
−5 V < VCANH < +10 V;
See Figure 4
50
70
100
mV
Ri(cm)(CANH)
Common−mode input resistance at pin
CANH
15
25
37
KW
Ri(cm) (CANL)
Common−mode input resistance at pin
CANL
15
25
37
KW
Ri(cm)(m)
Matching between pin CANH and pin
CANL common−mode input resistance
VCANH = VCANL
−3
0
+3
%
Ri(dif)
Differential input resistance
25
50
75
KW
Ci(CANH)
Input capacitance at pin CANH
VTxD = VCC; not tested
7.5
20
pF
Ci(CANL)
Input capacitance at pin CANL
VTxD = VCC; not tested
7.5
20
pF
Ci(dif)
Differential input capacitance
VTxD = VCC; not tested
3.75
10
pF
ILI(CANH)
Input leakage current at pin CANH
VCC = 0 V; VCANH = 5V
10
170
250
mA
ILI(CANL)
Input leakage current at pin CANL
VCC = 0 V; VCANL = 5V
10
170
250
mA
VCM−peak
Common−mode peak during transition
from dom → rec or rec → dom
See Figures 7 and 8
−500
500
mV
VCM−step
Difference in common−mode between
dominant and recessive state
See Figures 7 and 8
−150
150
mV
POWER−ON−RESET (POR)
PORL
POR level
CANH, CANL, Vref in tri−
state below POR level
2.2
3.5
4.5
V
THERMAL SHUTDOWN
Tj(sd)
Shutdown junction temperature
150
160
180
°C
TIMING CHARACTERISTICS (see Figures 5 and 6)
td(TxD−BUSon)
Delay TxD to bus active
Vs = 0 V
40
85
130
ns
td(TxD−BUSoff)
Delay TxD to bus inactive
Vs = 0 V
30
60
105
ns
td(BUSon−RxD)
Delay bus active to RxD
Vs = 0 V
25
55
105
ns
td(BUSoff−RxD)
Delay bus inactive to RxD
Vs = 0 V
65
100
135
ns
tpd(rec−dom)
Propagation delay TxD to RxD from
recessive to dominant
Vs = 0 V
70
245
ns
td(dom−rec)
Propagation delay TxD to RxD from
dominant to recessive
Vs = 0 V
100
245
ns
tdom(TxD)
TxD dominant time for time out
VTxD = 0 V
250
450
750
ms


Similar Part No. - AMIS30660CANH6G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30660CANH6G ONSEMI-AMIS30660CANH6G Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
AMIS30660CANH6G ONSEMI-AMIS30660CANH6G Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
More results

Similar Description - AMIS30660CANH6G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com