Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-30663 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS-30663
Description  High Speed CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30663 Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS-30663_14 Datasheet HTML 1Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 2Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 3Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 4Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 5Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 6Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 7Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 8Page - ON Semiconductor AMIS-30663_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 6
1
Publication Order Number:
AMIS−30663/D
AMIS-30663
High Speed CAN
Transceiver
Introduction
The AMIS−30663 CAN transceiver is the interface between a
controller area network (CAN) protocol controller and the physical
bus and may be used in both 12 V and 24 V systems. The digital
interface level is powered from a 3.3 V supply providing true I/O
voltage levels for 3.3 V CAN controllers.
The transceiver provides differential transmit capability to the bus
and differential receive capability to the CAN controller. Due to the
wide common−mode voltage range of the receiver inputs, the
AMIS−30663 is able to reach outstanding levels of electromagnetic
susceptibility (EMS). Similarly, extremely low electromagnetic
emission (EME) is achieved by the excellent matching of the output
signals.
Key Features
Fully Compatible with the “ISO 11898−2” Standard
Certified “Authentication on CAN Transceiver Conformance (d1.1)”
High Speed (up to 1 Mbit/s)
Ideally Suited for 12 V and 24 V Industrial and Automotive
Applications
Low EME Common−mode−choke is No Longer Required
Differential Receiver with Wide Common−mode Range (±35 V) for
High EMS
No Disturbance of the Bus Lines with an Un−powered Node
Transmit Data (TxD) Dominant Time−out Function
Thermal Protection
Bus Pins Protected Against Transients in an Automotive
Environment
Short Circuit Proof to Supply Voltage and Ground
Logic Level Inputs Compatible with 3.3 V Devices
ESD Protection Level for CAN Bus up to ±8 kV
This is a Pb−Free Device
Table 1. Ordering Information
Part Number
Description
Package
Container
Temp. Range
Shipping
Configuration
Quantity
AMIS30663CANG2G
HS CAN Transc. (3.3 V)
SOIC−8
GREEN
Tube/Tray
96
−40°C to 125°C
AMIS30663CANG2RG
HS CAN Transc. (3.3 V)
SOIC−8
GREEN
Tape & Reel
3000
−40°C to 125°C
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
http://onsemi.com
PIN ASSIGNMENT
(Top View)
V33
CANH
CANL
VREF
TxD
GND
VCC
RxD
1


Similar Part No. - AMIS-30663_14

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30663 AMI-AMIS-30663 Datasheet
216Kb / 12P
   High Speed CAN Transceiver
logo
ON Semiconductor
AMIS-30663 ONSEMI-AMIS-30663 Datasheet
168Kb / 11P
   High Speed CAN Transceiver
January, 2009 ??Rev. 6
More results

Similar Description - AMIS-30663_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com