Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2226B Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # ST2226B
Description  Maximum output current: 60 mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2226B Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button ST2226B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 9Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST2226B
ST2226B
Version
:A.002
Page
:5
Recommended Operating Conditions
DC Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, DVDD, AVDD
4.75
5
5.25
V
Driver output voltage when driver on, VOUT
1.25
-
5
V
Driver output voltage when driver off1, VOUT
0
-
17
V
Driver output current, IOUT
5
-
60
mA
High-level input voltage, VIH
0.8DVDD
-
DVDD
V
Low-level input voltage, VIL
0
-
0.2 DVDD
V
High-level output current, IOH
-
-
-1
mA
Low-level output current, IOL
-
-
1
mA
Operating free-air temperature2, Top
-20
-
80
AC Characteristics
PARAMETER
TEST
CONDITIONS
MIN
NOM
MAX
UNIT
DCLK clock frequency, fDCLK
-
-
15
MHz
DCLK pulse duration, twh / twl
High or low level
20
-
-
ns
DCLK rise/fall time tr / tf
-
-
40
ns
GCLK clock frequency, fGCLK
-
-
20
MHz
GCLK pulse duration, twh / twl
High or low level
15
-
-
ns
GCLK rise/fall time tr /tf
-
-
20
ns
Setup time, tsu
CMD to DCLK
DIN to DCLK
DCLK to CMD
25
25
25
-
-
ns
Hold time, th / twh
CMD to DCLK
DIN to DCLK
DCLK to CMD
25
25
25
-
-
ns
1. The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).
2. Recommended junction temperature range is from –20 to 150 ℃
.


Similar Part No. - ST2226B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2226A ETC2-ST2226A Datasheet
302Kb / 23P
   PWM-Controlled Constant Current Driver for LED Displays
More results

Similar Description - ST2226B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Power Mate Technology C...
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
   300 - 700 mA Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com