Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS222L Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # PS222L
Description  Over/Under-voltage protection and lock out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS222L Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  PS222L Datasheet HTML 1Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 2Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 3Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 4Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 5Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 6Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 7Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 8Page - Silicon Touch Technology Inc. PS222L Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PS222L
Version
: A.002
Issue Date : 2005/01/05
File Name
: SP-PS222L-A.002.doc
Total Pages : 13
3-Channel Secondary Monitoring IC
With Over-Current Protection
And an Additional 12V OCP Channel
新竹市科學園區展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626


Similar Part No. - PS222L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS222S ETC2-PS222S Datasheet
143Kb / 13P
   3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Silicon Touch Technolog...
PS222S SITI-PS222S Datasheet
165Kb / 13P
   3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
More results

Similar Description - PS222L

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
   Over/Under-voltage protection and lock out
PS25A SITI-PS25A Datasheet
161Kb / 11P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS224B SITI-PS224B Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS252C SITI-PS252C Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS252C1 SITI-PS252C1 Datasheet
158Kb / 10P
   Over/Under-voltage protection and lock out
PS224S SITI-PS224S Datasheet
190Kb / 11P
   Over/Under-voltage protection and lock out
PS224C SITI-PS224C Datasheet
159Kb / 11P
   Over/Under-voltage protection and lock out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com