Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED1565D2B Datasheet(PDF) 6 Page - Epson Company

Part # SED1565D2B
Description  Direct display of RAM data through the display data RAM
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1565D2B Datasheet(HTML) 6 Page - Epson Company

Back Button SED1565D2B Datasheet HTML 2Page - Epson Company SED1565D2B Datasheet HTML 3Page - Epson Company SED1565D2B Datasheet HTML 4Page - Epson Company SED1565D2B Datasheet HTML 5Page - Epson Company SED1565D2B Datasheet HTML 6Page - Epson Company SED1565D2B Datasheet HTML 7Page - Epson Company SED1565D2B Datasheet HTML 8Page - Epson Company SED1565D2B Datasheet HTML 9Page - Epson Company SED1565D2B Datasheet HTML 10Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
SED1565 Series
8–4
EPSON
Chip Size
10.82 mm
× 2.81 mm
Bump Pitch
71
µm (Min.)
Bump Size
PAD No. 1~24
85
µm × 85 µm
PAD No. 25~82
64
µm × 85 µm
PAD No. 83~99
85
µm × 85 µm
PAD No. 100
85
µm × 73 µm
PAD No. 101~133
85
µm × 47 µm
PAD No. 134
85
µm × 73 µm
PAD No. 135
73
µm × 85 µm
PAD No. 136~273
47
µm × 85 µm
PAD No. 274
73
µm × 85 µm
PAD No. 275
85
µm × 73 µm
PAD No. 276~308
85
µm × 47 µm
PAD No. 309
85
µm × 73 µm
Bump Height
17
µm (Typ.)
Chip Thickness
625
µm
SED1565 Series
(0, 0)
100
99
1
135
274
134
309
275
Die No.
PIN DIMENSIONS


Similar Part No. - SED1565D2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1560 ETC1-SED1560 Datasheet
351Kb / 84P
   Low-power operation: 8 umA 1 kHz, 6V LCD
SED1561 ETC1-SED1561 Datasheet
351Kb / 84P
   Low-power operation: 8 umA 1 kHz, 6V LCD
SED1562 ETC1-SED1562 Datasheet
351Kb / 84P
   Low-power operation: 8 umA 1 kHz, 6V LCD
More results

Similar Description - SED1565D2B

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D15E06 EPSON-S1D15E06 Datasheet
669Kb / 74P
   Direct RAM data display by display data RAM
logo
Rohm
BU97501KV ROHM-BU97501KV Datasheet
823Kb / 33P
   Integrated RAM for display data
logo
Hitachi Semiconductor
HD49227FS HITACHI-HD49227FS Datasheet
216Kb / 7P
   RAM CONTROLLER FOR DATA/DAT
logo
STMicroelectronics
EVALPM8803-FWD STMICROELECTRONICS-EVALPM8803-FWD Datasheet
303Kb / 5P
   Data pass-through for the ethernet data
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com