Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM13A-E Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # DM13A-E
Description  Minimum constant-current outputs: 0.3mA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A-E Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM13A-E Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Low Power 16-bit Constant Current LED Driver
Version:Pre.003
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A-E
3. LAT-OUT0
LAT
OUT0
(current)
50%
90%
10%
90%
10%
50%
tpLH
tor
tof
50%
50%
tpHL
4. EN-OUT0
EN
OUT0
(current)
50%
90%
10%
90%
10%
50%
tpLH
tor
tof
50%
50%
tpHL
twEN
OUTn+1-OUTn n+1 & n refer to “Outputs Delay”
5.


Similar Part No. - DM13A-E

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
More results

Similar Description - DM13A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Arch Electronics Corp.
PLF25_SERIES ARCH-PLF25_SERIES Datasheet
271Kb / 2P
   Constant Current
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
Fairchild Semiconductor
DM9368 FAIRCHILD-DM9368 Datasheet
71Kb / 6P
   7-Segment Decoder/Driver/Latch with Constant Current Source Outputs
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com