Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM137 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 8
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Switching Characteristics (VCC = 5.0V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
EN-to-OUT15
18
LAT-to-OUT15
20
CLK-to-DAO (SDO = ‘L’)
22
Propagation Delay
(‘L’ to ‘H’)
CLK-to-DAO (SDO = ‘H’)
tpLH
15
EN-to-OUT15
22
LAT-to-OUT15
15
CLK-to-DAO (SDO = ‘L’)
20
Propagation Delay
(‘H’ to ‘L’)
CLK-to-DAO (SDO = ‘H’)
tpHL
14
Output Current Rise Time
tor
4.0
Output Current Fall Time
tof
6.0
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
VIH = VCC
VIL = GND
Rrext = 2.9 K
Ω
VL = 5.0 V
CL
*1
= 13 pF
Ra = 470
Ω
2.0
ns
Switching Characteristics (VCC = 3.3V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
EN-to-OUT15
35
LAT-to-OUT15
27
CLK-to-DAO (SDO = ‘L’)
20
Propagation Delay
(‘L’ to ‘H’)
CLK-to-DAO (SDO = ‘H’)
tpLH
18
EN-to-OUT15
24
LAT-to-OUT15
31
CLK-to-DAO (SDO = ‘L’)
18
Propagation Delay
(‘H’ to ‘L’)
CLK-to-DAO (SDO = ‘H’)
tpHL
19
Output Current Rise Time
tor
43
Output Current Fall Time
tof
9.0
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
VIH = VCC
VIL = GND
Rrext = 2.9 K
Ω
VL = 5.0 V
CL
*1
= 13 pF
Ra = 470
Ω
2.8
ns
*1 CL means the probe capacitance of oscilloscope.


Similar Part No. - DM137

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DM137

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com