Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42-DL211B Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # 42-DL211B
Description  Maximum output voltage: 17V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

42-DL211B Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  42-DL211B Datasheet HTML 1Page - Silicon Touch Technology Inc. 42-DL211B Datasheet HTML 2Page - Silicon Touch Technology Inc. 42-DL211B Datasheet HTML 3Page - Silicon Touch Technology Inc. 42-DL211B Datasheet HTML 4Page - Silicon Touch Technology Inc. 42-DL211B Datasheet HTML 5Page - Silicon Touch Technology Inc. 42-DL211B Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
42-DL211B
Version
: A.008
Issue Date
: 2008/06/19
File Name
: SP-DL211B-A.008.doc
Total Pages : 6
Optical Fiber Transmitting IC
新竹市科學園區展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626


Similar Part No. - 42-DL211B

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
More results

Similar Description - 42-DL211B

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com