Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

614004134726 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 614004134726
Description  USB 2.0 TYPE A UP RIGHT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

614004134726 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  614004134726 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 614004134726 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 2/2
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 614004134726

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6140041347261 WURTH-6140041347261 Datasheet
299Kb / 1P
   USB 2.0 TYPE A UP RIGHT
More results

Similar Description - 614004134726

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6140041347261 WURTH-6140041347261 Datasheet
299Kb / 1P
   USB 2.0 TYPE A UP RIGHT
logo
Switchcraft, Inc.
RAHPCUA20 SWITCH-RAHPCUA20 Datasheet
298Kb / 1P
   RIGHT ANGLE USB TYPE-A 2.0, RoHS
Rev. A
RAVPCUA20 SWITCH-RAVPCUA20 Datasheet
201Kb / 1P
   RIGHT ANGLE TYPE-A USB 2.0, RoHS
Rev. A
logo
Wurth Elektronik GmbH &...
614004184726 WURTH-614004184726 Datasheet
584Kb / 3P
   USB TYPE A UP RIGHT THT - SHORT TYPE
logo
Switchcraft, Inc.
RAHPCUA20E SWITCH-RAHPCUA20E Datasheet
175Kb / 1P
   RIGHT ANGLE USB TYPE-A 2.0, MALE, RoHS
Rev. A
RAHUA20E SWITCH-RAHUA20E Datasheet
197Kb / 1P
   RIGHT ANGLE SMT USB TYPE-A 2.0, RoHS
Rev. A
RAHPC2UA20 SWITCH-RAHPC2UA20 Datasheet
183Kb / 1P
   RIGHT ANGLE DUAL TYPE-A USB 2.0, RoHS
Rev. A
logo
Rosenberger Hochfrequen...
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Wurth Elektronik GmbH &...
614004135023 WURTH-614004135023 Datasheet
852Kb / 3P
   USB 2.0 TYPE A VERTICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com