Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6702 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH6702
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6702 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH6702 Datasheet HTML 4Page - Vishay Siliconix SFH6702 Datasheet HTML 5Page - Vishay Siliconix SFH6702 Datasheet HTML 6Page - Vishay Siliconix SFH6702 Datasheet HTML 7Page - Vishay Siliconix SFH6702 Datasheet HTML 8Page - Vishay Siliconix SFH6702 Datasheet HTML 9Page - Vishay Siliconix SFH6702 Datasheet HTML 10Page - Vishay Siliconix SFH6702 Datasheet HTML 11Page - Vishay Siliconix SFH6702 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.vishay.com
8
Document Number 83683
Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Fig. 4 Typical Forward Input Voltage vs. Temperature
Fig. 5 Typical Output Voltage vs. Forward Input Current (except
SFH6705)
Fig. 6 Typical Output Forward Voltage vs. Forward Input Current
(only SFH6705)
isfh6700_04
-60
-40
-20
0
20
40
60
80
100
1.45
1.50
1.55
1.60
1.65
1.70
1.75
TA - Temperature - °C
IF =5mA
isfh6700_05
0
1
2
3
4
5
0.0 0.1
0.2 0.3
0.4
0.5 0.6
0.7 0.8
0.9
1.0
IF -Input Current - mA
IOL = 6.4 mA
IOH =–2.6mA
VCC = 4.5 V
isfh6700_06
0
1
2
3
4
5
6
0.0
0.2
0.4
0.6
0.8
1.0
IF - Forward Input Current - mA
RL =1k-4kΩ
VCC =5V
RL = 390 Ω
Fig. 7 Typical Supply Current vs. Temperature
Fig. 8 Typical Output Leakage Current vs. Temperature
Fig. 9 Typical Low Level Output Current vs. Temperature
isfh6700_07
-60
-40
-20
0
20
40
60
80
100
3.2
3.4
3.6
3.8
4.0
4.2
TA - Temperature - °C
ICCL @ VCC =15V
ICCH @VCC =15V&
ICCL @VCC = 5.5 V
ICCH @ VCC = 5.5 V
isfh6700_08
-20
0
20 40
60
80 100
TA - Temperature - °C
400
500
600
700
800
900
1000
1100
-60 -40
VCC =VO =15V
VCC =VO = 5.5 V
isfh6700_09
-20
0
20
406080
100
TA - Temperature - °C
20
23
25
28
30
33
35
38
40
-60
-40
VCC =5V
IF =0mA
VOL = 0.6 V
VOL = 0.4 V
VOL = 0.8 V


Similar Part No. - SFH6702

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6702 VISHAY-SFH6702 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
More results

Similar Description - SFH6702

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com