Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C2510A Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S3C2510A
Description  16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2510A Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S3C2510A Datasheet HTML 7Page - Samsung semiconductor S3C2510A Datasheet HTML 8Page - Samsung semiconductor S3C2510A Datasheet HTML 9Page - Samsung semiconductor S3C2510A Datasheet HTML 10Page - Samsung semiconductor S3C2510A Datasheet HTML 11Page - Samsung semiconductor S3C2510A Datasheet HTML 12Page - Samsung semiconductor S3C2510A Datasheet HTML 13Page - Samsung semiconductor S3C2510A Datasheet HTML 14Page - Samsung semiconductor S3C2510A Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
S3C2510A
PRODUCT OVERVIEW
1-11
Table 1-1. S3C2510A Pin List and PAD Type S3C2510A Pin List and PAD Type (Continued)
Group
Pin Name
Pin No.
I/O Type
Pad
Type
Description
System
Configurations
(21)
CLKMOD[1]
CLKMOD[0]
AB4
AC2
I
phic
The CLKMOD pin determines internal
clock scheme of S3C2510A. When
CLKMOD is “00”, the nfast clock mode is
defined. In this mode, the same clock is
used as CPU clock and system clock.
When CLKMOD is “01” or “10”, the sync
mode is defined. In this mode, the system
clock is half frequency of the CPU clock.
When CLKMOD is "11", the async clock
mode is defined. In this mode, the CPU
clock and system clock can operate
independently as long as the CPU clock is
faster than system clock.
In this case, BUS_FREQ[2:0] pins should
be 3b’000 to select PCI PLL, 3b’001 to
select USB PLL for programmable setting.
CPU_FREQ[2]
CPU_FREQ[1]
CPU_FREQ[0]
AE1
AD1
AC3
I
phic
CPU Clock Frequency Selection.
BUS_FREQ[2]
BUS_FREQ[1]
BUS_FREQ[0]
AD2
AB3
AC1
I
phic
System Bus Clock Frequency Selection.
nRESET
AB2
I
phis
Not Reset. NRESET is the global reset
input for the S3C2510A and nRESET must
be held to "low" for at least 64 clock cycles
for digital filtering.
TMODE
AF3
I
phicd
Test Mode. The TMODE pin setting is
interpreted as follows:
0 = normal operating mode
1 = chip test mode.
BIG
W3
I
phicd
BIG endian mode select pin.
When this pin is set to “0”, the S3C2510A
operates in litte endian mode. When this
pin is set to “1”, the S3C2510A operates in
big endian mode.
PCI_PCCDM
AA2
I
phic
PCI(1'b0) or PC Card(1'b1) Mode Select of
PCI & PC Card Controller
PCI_HOSTM
Y3
I
phic
Host (1'b1) or Agent (1'b0) Mode Select of
PCI & PC Card Controller


Similar Part No. - S3C2510A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2500B SAMSUNG-S3C2500B Datasheet
2Mb / 623P
   32-Bit RISC Microprocessor
S3C2501X SAMSUNG-S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
More results

Similar Description - S3C2510A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
   32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com