Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1607 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SK1607
Description  Drain Current ?밒D=13A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1607 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1607 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1607 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1607
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 1mA
450
V
VGS(th)
Gate Threshold Voltage
VDS=25V; ID=1mA
1.0
5.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=7A
0.34
0.45
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±1
uA
IDSS
Zero Gate Voltage Drain Current
VDS=360V; VGS= 0
100
uA
ton
Turn-on time
VGS=10V;ID=7A;RL=21.4Ω
110
ns
toff
Turn-off time
320
ns
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1607

ManufacturerPart #DatasheetDescription
logo
NEC
2SK160 NEC-2SK160 Datasheet
143Kb / 4P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SK160 RENESAS-2SK160 Datasheet
490Kb / 8P
   JUNCTION FIELD EFFECT TRANSISTORS
1984
logo
Toshiba Semiconductor
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
logo
Inchange Semiconductor ...
2SK1600 ISC-2SK1600 Datasheet
66Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
2SK1601 ISC-2SK1601 Datasheet
66Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
More results

Similar Description - 2SK1607

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1652 ISC-2SK1652 Datasheet
69Kb / 2P
   Drain Current ?밒D=13A@ TC=25C
2SK1610 ISC-2SK1610 Datasheet
67Kb / 2P
   Drain Current ?밒D=13A@ TC=25C
2SK1013 ISC-2SK1013 Datasheet
69Kb / 2P
   Drain Current ?밒D=13A@ TC=25C
13N50 ISC-13N50 Datasheet
136Kb / 2P
   Drain Current ID= 13A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
   Drain Current ?밒D=20A@ TC=25C
2SK1461 ISC-2SK1461 Datasheet
68Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
2SK1526 ISC-2SK1526 Datasheet
67Kb / 2P
   Drain Current ?밒D=40A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com