Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4302T4 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NTD4302T4
Description  Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4302T4 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NTD4302T4 Datasheet HTML 2Page - ON Semiconductor NTD4302T4 Datasheet HTML 3Page - ON Semiconductor NTD4302T4 Datasheet HTML 4Page - ON Semiconductor NTD4302T4 Datasheet HTML 5Page - ON Semiconductor NTD4302T4 Datasheet HTML 6Page - ON Semiconductor NTD4302T4 Datasheet HTML 7Page - ON Semiconductor NTD4302T4 Datasheet HTML 8Page - ON Semiconductor NTD4302T4 Datasheet HTML 9Page - ON Semiconductor NTD4302T4 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NTD4302
http://onsemi.com
9
PACKAGE DIMENSIONS
DPAK
CASE 369AA−01
ISSUE O
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
D
A
B
R
V
S
F
L
2 PL
M
0.13 (0.005)
T
E
C
U
J
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.025
0.035
0.63
0.88
E
0.018
0.024
0.46
0.61
F
0.033
0.045
0.83
1.14
J
0.018
0.023
0.46
0.58
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4


Similar Part No. - NTD4302T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
119Kb / 7P
   Power MOSFET
July, 2014 ??Rev. 9
More results

Similar Description - NTD4302T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD14N03R ONSEMI-NTD14N03R_07 Datasheet
86Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
October, 2007 - Rev. 5
NTD85N02R ONSEMI-NTD85N02R Datasheet
73Kb / 10P
   Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
September, 2004 ??Rev. 6
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UT40N03 UTC-UT40N03 Datasheet
267Kb / 5P
   40 Amps, 30 Volts N-CHANNEL POWER MOSFET
UT85N03 UTC-UT85N03 Datasheet
151Kb / 3P
   85 Amps, 30 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTD4302 ONSEMI-NTD4302_10 Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com