Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD32N06L Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD32N06L
Description  Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD32N06L Datasheet(HTML) 5 Page - ON Semiconductor

  NTD32N06L Datasheet HTML 1Page - ON Semiconductor NTD32N06L Datasheet HTML 2Page - ON Semiconductor NTD32N06L Datasheet HTML 3Page - ON Semiconductor NTD32N06L Datasheet HTML 4Page - ON Semiconductor NTD32N06L Datasheet HTML 5Page - ON Semiconductor NTD32N06L Datasheet HTML 6Page - ON Semiconductor NTD32N06L Datasheet HTML 7Page - ON Semiconductor NTD32N06L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTD32N06L
http://onsemi.com
5
10
0.1
0.01
0.00001
0.0001
t, TIME (s)
Figure 13. Thermal Response
1
0.001
0.01
0.1
1
10
100
1000
10
0.1
0.01
0.00001
0.0001
t, TIME (s)
1
0.001
0.01
0.1
1
10
Figure 14. Thermal Response
Normalized to RqJC at Steady State
Normalized to RqJA at Steady State,
1
″ square Cu Pad, Cu Area 1.127 in2,
3 x 3 inch FR4 board


Similar Part No. - NTD32N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD32N06L ONSEMI-NTD32N06L Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD32N06L ONSEMI-NTD32N06L Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
logo
VBsemi Electronics Co.,...
NTD32N06L-001 VBSEMI-NTD32N06L-001 Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NTD32N06L-1 ONSEMI-NTD32N06L-1 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
More results

Similar Description - NTD32N06L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTD3055L104 ETC-NTD3055L104 Datasheet
113Kb / 8P
   12 Amps, 60 Volts, Logic Level N−Channel DPAK
October, 2010 - Rev. 7
logo
ON Semiconductor
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com