Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4279BD1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV4279BD1
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4279BD1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV4279BD1 Datasheet HTML 1Page - ON Semiconductor NCV4279BD1 Datasheet HTML 2Page - ON Semiconductor NCV4279BD1 Datasheet HTML 3Page - ON Semiconductor NCV4279BD1 Datasheet HTML 4Page - ON Semiconductor NCV4279BD1 Datasheet HTML 5Page - ON Semiconductor NCV4279BD1 Datasheet HTML 6Page - ON Semiconductor NCV4279BD1 Datasheet HTML 7Page - ON Semiconductor NCV4279BD1 Datasheet HTML 8Page - ON Semiconductor NCV4279BD1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV4279B
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
Package Pin Number
SO−8
SO−14
SO−20L
Pin Symbol
Function
3
1
1
RADJ
Reset Adjust. If not needed connect to ground.
4
2
2
DELAY
Timing capacitor for RESET function.
5
3−5, 10−12
4−7, 14−17
GND
Ground. All GND leads must be connected to Ground.
6
3, 8, 9, 13, 18
NC
No connection.
6
7
10
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
7
8
11
FLAG
Open collector output from early warning comparator.
8
9
12
VOUT
±2.0%, 150 mA output.
1
13
19
VIN
Input Voltage.
2
14
20
MON
Monitor. Input for early warning comparator. If not needed connect to VOUT.
TYPICAL PERFORMANCE CHARACTERISTICS
−40
4.98
Temperature (
°C)
4.99
5.00
5.01
−25 −10
125
5
20355065
8095
110
VOUT = 5.0 V
VIN = 14 V
IOUT = 5.0 mA
Figure 2. Output Voltage vs. Temperature
Figure 3. Quiescent Current vs. Output Current
Figure 4. Quiescent Current vs. Output Current
+25
°C
−40
°C
0
0
IOUT (mA)
0.2
0.4
0.6
0.8
1.0
1.2
5
1015
2025
+125
°C
VIN = 12 V
0
0
IOUT (mA)
2
4
6
8
10
12
14
15
30
45
60
140
75
90
105 120 135
+25
°C
−40
°C
+125
°C
VIN = 12 V
6
0
VIN (V)
1
2
3
4
5
6
7
810
12
14
26
16
18
20
22
24
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
T = 25
°C
Figure 5. Quiescent Current vs. Input Voltage


Similar Part No. - NCV4279BD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279 ONSEMI-NCV4279 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279A ONSEMI-NCV4279A Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV4279A50D1G ONSEMI-NCV4279A50D1G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
More results

Similar Description - NCV4279BD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269 ONSEMI-NCV4269_07 Datasheet
145Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com