Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12439FA Datasheet(PDF) 9 Page - ON Semiconductor

Part # NBC12439FA
Description  3.3 V/5 V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FA Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NBC12439FA Datasheet HTML 5Page - ON Semiconductor NBC12439FA Datasheet HTML 6Page - ON Semiconductor NBC12439FA Datasheet HTML 7Page - ON Semiconductor NBC12439FA Datasheet HTML 8Page - ON Semiconductor NBC12439FA Datasheet HTML 9Page - ON Semiconductor NBC12439FA Datasheet HTML 10Page - ON Semiconductor NBC12439FA Datasheet HTML 11Page - ON Semiconductor NBC12439FA Datasheet HTML 12Page - ON Semiconductor NBC12439FA Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NBC12439
http://onsemi.com
9
PROGRAMMING INTERFACE
Programming the NBC12439 is accomplished by
properly configuring the internal dividers to produce the
desired frequency at the outputs. The output frequency can
by represented by this formula:
FOUT
+ (FXTAL B 2)
2M
B N
(eq. 1)
This can be simplified to:
FOUT + FXTALxM B N
(eq. 2)
where FXTAL is the crystal frequency, M is the loop divider
modulus, and N is the output divider modulus. Note that it
is possible to select values of M such that the PLL is unable
to achieve loop lock. To avoid this, always make sure that M
is selected to be 25
≤ M ≤ 50 for a 16 MHz input reference.
See Table 5.
Assuming that a 16 MHz reference frequency is used the
above equation reduces to:
FOUT
+ 16M B N
(eq. 3)
Substituting the four values for N (1, 2, 4, 8) yields:
Table 4. Programmable Output Divider Function Table
N1
N0
N Divider
FOUT
Output Frequency
Range (MHz)*
1
1
B1
M
16
400-800
0
0
B2
M
8
200-400
0
1
B4
M
4
100-200
1
0
B8
M
2
50-100
*For crystal frequency of 16 MHz.
The user can identify the proper M and N values for the
desired frequency from the above equations. The four output
frequency ranges established by N are 400- 800 MHz,
200- 400 MHz, 100- 200 MHz and 50- 100 MHz, respectively.
From these ranges, the user will establish the value of N
required. The value of M can then be calculated based on
equation 1. For example, if an output frequency of 384 MHz
was desired, the following steps would be taken to identify the
appropriate M and N values. 384 MHz falls within the
frequency range set by an N value of 2; thus, N [1:0] = 00.
For N = 2, FOUT = 8M and M = FOUT
B 8. Therefore,
M = 384
B 8 = 48, so M[6:0] = 0110000. Following this same
procedure, a user can generate a selected frequency. The size
of the programmable frequency steps of FOUT will be equal
to FXTAL
÷ N.
For input reference frequencies other than 16 MHz, see
Table 5, which shows the usable VCO frequency and M
divider range.
The input frequency and the selection of the feedback
divider M is limited by the VCO frequency range and
fXTAL. M must be configured to match the VCO frequency
range of 400 to 800 MHz in order to achieve stable PLL
operation.
M min + fVCOmin B FXTAL and
(eq. 4)
M max + fVCOmax B FXTAL
(eq. 5)
The value for M falls within the constraints set for PLL
stability. If the value for M fell outside of the valid range, a
different N value would be selected to move M in the
appropriate direction.
The M and N counters can be loaded either through a
parallel or serial interface. The parallel interface is
controlled via the P_LOAD signal such that a LOW to HIGH
transition will latch the information present on the M[6:0]
and N[1:0] inputs into the M and N counters. When the
P_LOAD signal is LOW, the input latches will be
transparent and any changes on the M[6:0] and N[1:0] inputs
will affect the FOUT output pair. To use the serial port, the
S_CLOCK signal samples the information on the S_DATA
line and loads it into a 12 bit shift register. Note that the
P_LOAD signal must be HIGH for the serial load operation
to function. The Test register is loaded with the first three
bits, the N register with the next two, and the M register with
the final nine bits of the data stream on the S_DATA input.
For each register, the most significant bit is loaded first (T2,
N1, and M6). The HIGH to LOW transition on the S_LOAD
input will latch the new divide values into the counters. A
pulse on the S_LOAD pin after the shift register is fully
loaded will transfer the divide values into the counters.
Figures 4 and 5 illustrate the timing diagram for both a
parallel and a serial load of the NBC12439 synthesizer.
M[6:0] and N[1:0] are normally specified after power-up
through the parallel interface, and then possibly, fine tuned
again through the serial interface. This approach allows the
application to ramp up at one frequency and then change or
fine-tune the clock as the ability to control the serial
interface becomes available.
The TEST output provides visibility for one of the several
internal nodes as determined by the T[2:0] bits in the serial
configuration stream. It is not configurable through the
parallel interface. The T2, T1, and T0 control bits are preset
to ‘000’ when P_LOAD is LOW so that the PECL FOUT
outputs are as jitter-free as possible. Any active signal on the
TEST output pin will have detrimental affects on the jitter
of the PECL output pair. In normal operations, jitter
specifications are only guaranteed if the TEST output is
static. The serial configuration port can be used to select one
of the alternate functions for this pin.


Similar Part No. - NBC12439FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439FA ONSEMI-NBC12439FA Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439FA ONSEMI-NBC12439FA Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439FAG ONSEMI-NBC12439FAG Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439FAG ONSEMI-NBC12439FAG Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439FAR2 ONSEMI-NBC12439FAR2 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12439FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
   3.3 V 1:8 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com